Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ23C15 Datasheet (PDF) - Vishay Siliconix

AZ23C15 Datasheet PDF - Vishay Siliconix
Part # AZ23C15
Download  AZ23C15 Download
File Size   54.02 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 mW Dual Surface Mount Zener Diodes

AZ23C15 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ23C15 Datasheet PDF - Vishay Siliconix

Part # AZ23C15
Download  AZ23C15 Click to download

File Size   54.02 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 mW Dual Surface Mount Zener Diodes

AZ23C15 Datasheet (HTML) - Vishay Siliconix


AZ23C15 Product details

Description
The TDSL11.0 series are 7 mm character seven segment low current LED displays in a very compact package.
The displays are designed for a viewing distance up to 3 meters and available in high efficiency red. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups. That allows users to assemble displays with uniform appearence.
Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

Features
● Low power consumption
● Suitable for DC and multiplex operation
● Evenly lighted segments
● Grey package surface
● Untinted segments
● Luminous intensity categorized
● Wide viewing angle

Applications
   Panel meters
   Test- and measure- equipment
   Point-of-sale terminals
   Control units




Similar Part No. - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C15 DIODES-AZ23C15 Datasheet
60Kb / 3P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
AZ23C15 DIODES-AZ23C15 Datasheet
448Kb / 4P
300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Taiwan Semiconductor Co...
AZ23C15 TSC-AZ23C15 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
Pan Jit International I...
AZ23C15 PANJIT-AZ23C15 Datasheet
170Kb / 4P
DUAL SURFACE MOUNT ZENER DIODES
logo
Micro Commercial Compon...
AZ23C15 MCC-AZ23C15 Datasheet
139Kb / 4P
300 mW Zener Diode 2.7 to 51 Volts
More results


Similar Description - AZ23C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V7 VISHAY-BZX84C2V7 Datasheet
70Kb / 5P
350 mW Surface Mount Zener Diodes
01-Apr-99
DZ23C2V7 VISHAY-DZ23C2V7 Datasheet
53Kb / 4P
300 mW Dual Surface Mount Zener Diodes
01-Apr-99
logo
Microsemi Corporation
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
500 mW GLASS SURFACE MOUNT ZENER DIODES
logo
Bruckewell Technology L...
AZ23C27-51 BWTECH-AZ23C27-51 Datasheet
470Kb / 5P
300 mw Dual Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MMBZ5221B SUNMATE-MMBZ5221B Datasheet
372Kb / 2P
300 MW Surface Mount Zener Diodes
logo
Diode Semiconductor Kor...
AZ23C2V7 DSK-AZ23C2V7 Datasheet
250Kb / 4P
300 Mw Dual Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
BZX84BXXX SECOS-BZX84BXXX Datasheet
77Kb / 2P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
BZX84CXXX SECOS-BZX84CXXX Datasheet
453Kb / 3P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXB SECOS-MMBZ52XXB Datasheet
84Kb / 5P
300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com