Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSA-009 Datasheet (PDF) - Bedford Opto Technology Ltd.

SSA-009 Datasheet PDF - Bedford Opto Technology Ltd.
Part # SSA-009
Download  SSA-009 Download
File Size   36.0 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 3mm LED Linear Array

SSA-009 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSA-009 Datasheet PDF - Bedford Opto Technology Ltd.

Part # SSA-009
Download  SSA-009 Click to download

File Size   36.0 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 3mm LED Linear Array

SSA-009 Datasheet (HTML) - Bedford Opto Technology Ltd.


SSA-009 Product details

3mm LED Linear Array

SSA 009 is a precision moulded plastic mounting block for T1 size Light Emitting Diodes. LEDs are on a 0.2 inch pitch. Material is black nylon 6 to flammability specification UL-94VO.

FEATURES
♦ Eight channel block,end stackable for longer arrays.
♦ +/- 30 deg viewing angle.
♦ Will accept T1 infra red emitters or sensors.
♦ Small PCB footprint.
♦ Leads on 0.1 inch pitch double row.
♦ Less than eight positions available to special
♦ order.




Similar Part No. - SSA-009

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSA-005 BOT-SSA-005 Datasheet
35Kb / 2P
Miniature Opto Array
SSA-005-2 BOT-SSA-005-2 Datasheet
37Kb / 2P
Miniature IR Array
SSA-005E BOT-SSA-005E Datasheet
37Kb / 2P
Miniature IR Array
More results


Similar Description - SSA-009

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
TPLM086L55 PERKINELMER-TPLM086L55 Datasheet
258Kb / 1P
Linear Array Module
logo
List of Unclassifed Man...
MLX90255BA ETC-MLX90255BA Datasheet
544Kb / 10P
Linear Optical Array
logo
Bedford Opto Technology...
BOT107 BOT-BOT107 Datasheet
37Kb / 2P
4 Way 3mm LED Array 90 deg Mount
BOT123 BOT-BOT123 Datasheet
37Kb / 2P
3 Way 2 Tier 3mm LED Array
SSA190 BOT-SSA190 Datasheet
33Kb / 2P
3mm LED ARRAY 6 WAY 2 HIGH
SSA256 BOT-SSA256 Datasheet
37Kb / 2P
45 degree mount 6 x 3mm LED ARRAY
SSA350 BOT-SSA350 Datasheet
41Kb / 2P
3mm LED Linear Array
SSA360 BOT-SSA360 Datasheet
45Kb / 2P
3mm LED Linear Array
SSA-370 BOT-SSA-370 Datasheet
35Kb / 2P
3mm LED Linear Array
BLA81 BOT-BLA81_12 Datasheet
53Kb / 2P
3mm LED Linear Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com