Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO5600EL Datasheet (PDF) - Alpha & Omega Semiconductors

AO5600EL Datasheet PDF - Alpha & Omega Semiconductors
Part # AO5600EL
Download  AO5600EL Download
File Size   948.55 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO5600EL Datasheet (PDF)

Go To PDF Page Download Datasheet
AO5600EL Datasheet PDF - Alpha & Omega Semiconductors

Part # AO5600EL
Download  AO5600EL Click to download

File Size   948.55 Kbytes
Page   9 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Complementary Enhancement Mode Field Effect Transistor

AO5600EL Datasheet (HTML) - Alpha & Omega Semiconductors


AO5600EL Product details

General Description
The AO5600E/L uses advanced trench technology MOSFETs to provide excellent RDS(ON) and low gate charge. The complementary MOSFETs may be used in H-bridge, Inverters and other applications.AO5600E and AO5600EL are electrically identical.

-RoHS compliant
-AO5600EL is Halogen Free

Features
   n-channel
   VDS (V) = 20V, ID = 0.6A (VGS=4.5V)
   RDS(ON)< 0.65Ω (VGS= 4.5V)
   RDS(ON)< 0.75Ω (VGS= 2.5V)
   RDS(ON)< 0.95Ω (VGS= 1.8V)

   p-channel
   VDS (V) = -20V, ID = -0.5A (VGS=-4.5V)
   RDS(ON)< 0.8Ω (VGS= -4.5V)
   RDS(ON)< 1.0Ω (VGS= -2.5V)
   RDS(ON)< 1.3Ω (VGS= -1.8V)

   ESD PROTECTED!




Similar Part No. - AO5600EL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO5401E AOSMD-AO5401E Datasheet
153Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AO5401EL AOSMD-AO5401EL Datasheet
153Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
AO5404E AOSMD-AO5404E Datasheet
120Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AO5404E VBSEMI-AO5404E Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
logo
Alpha & Omega Semicondu...
AO5800 AOSMD-AO5800 Datasheet
137Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Similar Description - AO5600EL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOP608 AOSMD-AOP608 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AOD603 AOSMD-AOD603 Datasheet
219Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AOD607 AOSMD-AOD607 Datasheet
137Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4600 AOSMD-AO4600 Datasheet
270Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4607 AOSMD-AO4607 Datasheet
198Kb / 8P
Complementary Enhancement Mode Field Effect Transistor
AO4611 AOSMD-AO4611 Datasheet
166Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4612 AOSMD-AO4612 Datasheet
142Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4613 AOSMD-AO4613 Datasheet
181Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
AO4616 AOSMD-AO4616 Datasheet
156Kb / 7P
Complementary Enhancement Mode Field Effect Transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com