Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOTF8N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOTF8N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOTF8N50
Download  AOTF8N50 Download
File Size   147.37 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 8A N-Channel MOSFET

AOTF8N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOTF8N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOTF8N50
Download  AOTF8N50 Click to download

File Size   147.37 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 8A N-Channel MOSFET

AOTF8N50 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOTF8N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF8N50 ISC-AOTF8N50 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOTF8N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF840 UTC-UF840 Datasheet
172Kb / 8P
8A, 500V, 0.85ohm, N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF840 TAK_CHEONG-TFF840 Datasheet
323Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
TFP840 TAK_CHEONG-TFP840 Datasheet
343Kb / 7P
N-Channel Power MOSFET 8A, 500V, 0.9廓
logo
Unisonic Technologies
8N50 UTC-8N50_12 Datasheet
182Kb / 6P
8A, 500V N-CHANNEL POWER MOSFET
8N50H UTC-8N50H Datasheet
204Kb / 5P
8A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOWF8N50 AOSMD-AOWF8N50 Datasheet
385Kb / 5P
500V, 8A N-Channel MOSFET
logo
Unisonic Technologies
UF840 UTC-UF840_14 Datasheet
455Kb / 9P
8A, 500V, 0.85廓, N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
840U KIA-840U Datasheet
242Kb / 7P
8A 500V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
840 WXDH-840 Datasheet
1Mb / 12P
8A 500V N-channel Enhancement Mode Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com