Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GETG2043 Datasheet (PDF) - Green Power Solutions srl

GETG2043 Datasheet PDF - Green Power Solutions srl
Part # GETG2043
Download  GETG2043 Download
File Size   116.03 Kbytes
Page   2 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description PHASE CONTROLLED SCR

GETG2043 Datasheet (PDF)

Go To PDF Page Download Datasheet
GETG2043 Datasheet PDF - Green Power Solutions srl

Part # GETG2043
Download  GETG2043 Click to download

File Size   116.03 Kbytes
Page   2 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description PHASE CONTROLLED SCR

GETG2043 Datasheet (HTML) - Green Power Solutions srl


GETG2043 Product details

PHASE CONTROLLED SCR
High reliability operation
DC power supply
AC drives

VOLTAGE UP TO 1600 V
AVERAGE CURRENT 430 A
SURGE CURRENT 5.7 kA




Similar Part No. - GETG2043

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GETG2064 GPSEMI-GETG2064 Datasheet
98Kb / 1P
PHASE CONTROLLED SCR
More results


Similar Description - GETG2043

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GETG0105 GPSEMI-GETG0105 Datasheet
114Kb / 2P
PHASE CONTROLLED SCR
GETG0130 GPSEMI-GETG0130 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
PHASE CONTROLLED SCR
GPTK1155 GPSEMI-GPTK1155 Datasheet
124Kb / 2P
PHASE CONTROLLED SCR
GPTN2115 GPSEMI-GPTN2115 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
PHASE CONTROLLED SCR
GPTP2190 GPSEMI-GPTP2190 Datasheet
122Kb / 2P
PHASE CONTROLLED SCR
GPTP3180 GPSEMI-GPTP3180 Datasheet
121Kb / 2P
PHASE CONTROLLED SCR
GPTR1300 GPSEMI-GPTR1300 Datasheet
115Kb / 2P
PHASE CONTROLLED SCR
More results




About Green Power Solutions srl


Green Power Solutions Srl is an Italian company that specializes in the design, development, and manufacturing of power electronics solutions for renewable energy and energy efficiency applications. The company was founded in 2009 and is based in Milan, Italy.

Green Power Solutions offers a range of products and services, including grid-tied and off-grid solar inverters, energy storage systems, electric vehicle charging stations, and energy management systems. Their solutions are designed to help customers reduce their carbon footprint, increase energy efficiency, and save money on energy costs.

The company's products are certified according to international standards and are used in various industries, including residential, commercial, and industrial. Green Power Solutions has a team of experienced engineers and technicians who provide technical support and assistance to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com