Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1899 Datasheet (PDF) - Analog Intergrations Corporation

AIC1899 Datasheet PDF - Analog Intergrations Corporation
Part # AIC1899
Download  AIC1899 Download
File Size   232.96 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.0MHz Current-Mode Step-Up DC/DC Converter

AIC1899 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1899 Datasheet PDF - Analog Intergrations Corporation

Part # AIC1899
Download  AIC1899 Click to download

File Size   232.96 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.0MHz Current-Mode Step-Up DC/DC Converter

AIC1899 Datasheet (HTML) - Analog Intergrations Corporation


AIC1899 Product details

DESCRIPTION
The current-mode pulse-width modulation, AIC1899, step up converter is designed for MP3 player. The built-in high voltage N-channel MOSFET allows AIC1899 for step-up applications with up to 24V output voltage, and other low-side switching DC/DC converter.

FEATURES
• Fixed Frequency 1.0MHz Current-Mode PWM Operation.
• Adjustable Output Voltage up to 24V.
• 2.5V to 5.5V Input Range.
• Maximum 0.1µA Shutdown Current.
• Programmable Soft-Start.
• Tiny Inductor and Capacitors are allowed.
• Space-Saving TSOT-23-6 and SOT-23-6 Package.

APPLICATIONS
• OLED Driver for MP3 Player
• White LED Backlight




Similar Part No. - AIC1899

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GG AIC-AIC1896GG Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GK AIC-AIC1896GK Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PG AIC-AIC1896PG Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PK AIC-AIC1896PK Datasheet
734Kb / 15P
1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
More results


Similar Description - AIC1899

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
1.4MHz Current-Mode Step-Up DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
1.0MHz STEP-UP DC-DC CONVERTER
Rev 1
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
Rev 3
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
current mode step-up DC-DC converter
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com