Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDN3113 Datasheet (PDF) - Green Power Solutions srl

GPDN3113 Datasheet PDF - Green Power Solutions srl
Part # GPDN3113
Download  GPDN3113 Download
File Size   108.56 Kbytes
Page   1 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description AVALANCHE RECTIFIER DIODE

GPDN3113 Datasheet (PDF)

Go To PDF Page Download Datasheet
GPDN3113 Datasheet PDF - Green Power Solutions srl

Part # GPDN3113
Download  GPDN3113 Click to download

File Size   108.56 Kbytes
Page   1 Pages
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl
Description AVALANCHE RECTIFIER DIODE

GPDN3113 Datasheet (HTML) - Green Power Solutions srl


GPDN3113 Product details

AVALANCHE RECTIFIER DIODE

VOLTAGE UP TO 2000 - 2300 - 2600 V
AVERAGE CURRENT 1135 A
SURGE CURRENT 12 kA




Similar Part No. - GPDN3113

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPDN3113 GPSEMI-GPDN3113 Datasheet
142Kb / 2P
AVALANCHE RECTIFIER DIODE
GPDN3113 GPSEMI-GPDN3113_12 Datasheet
142Kb / 2P
AVALANCHE RECTIFIER DIODE
More results


Similar Description - GPDN3113

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS35 IXYS-DS35 Datasheet
40Kb / 2P
Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
Rectifier Diode Avalanche Diode
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
Rectifier Diode Avalanche Diode
logo
ABB
5SDA16F3806 ABB-5SDA16F3806 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
5SDA11D1702 ABB-5SDA11D1702 Datasheet
33Kb / 2P
Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDN4087 GPSEMI-GPDN4087 Datasheet
108Kb / 1P
AVALANCHE RECTIFIER DIODE
GPDP4218 GPSEMI-GPDP4218 Datasheet
112Kb / 1P
AVALANCHE RECTIFIER DIODE
GPDP4189 GPSEMI-GPDP4189_12 Datasheet
146Kb / 2P
AVALANCHE RECTIFIER DIODE
GPDP4247 GPSEMI-GPDP4247_12 Datasheet
140Kb / 2P
AVALANCHE RECTIFIER DIODE
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
Rectifier Diode Avalanche Diode
More results




About Green Power Solutions srl


Green Power Solutions Srl is an Italian company that specializes in the design, development, and manufacturing of power electronics solutions for renewable energy and energy efficiency applications. The company was founded in 2009 and is based in Milan, Italy.

Green Power Solutions offers a range of products and services, including grid-tied and off-grid solar inverters, energy storage systems, electric vehicle charging stations, and energy management systems. Their solutions are designed to help customers reduce their carbon footprint, increase energy efficiency, and save money on energy costs.

The company's products are certified according to international standards and are used in various industries, including residential, commercial, and industrial. Green Power Solutions has a team of experienced engineers and technicians who provide technical support and assistance to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com