Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3417A-2 Datasheet (PDF) - Linear Technology

LTC3417A-2 Datasheet PDF - Linear Technology
Part # LTC3417A-2
Download  LTC3417A-2 Download
File Size   337.87 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator

LTC3417A-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC3417A-2 Datasheet PDF - Linear Technology

Part # LTC3417A-2
Download  LTC3417A-2 Click to download

File Size   337.87 Kbytes
Page   20 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator

LTC3417A-2 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC3417A-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results


Similar Description - LTC3417A-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3417 LINER-LTC3417 Datasheet
350Kb / 20P
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator
LTC3417A LINER-LTC3417A Datasheet
1Mb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3417A-1 LINER-LTC3417A-1 Datasheet
350Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3561 LINER-LTC3561 Datasheet
232Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3417A LINER-LTC3417A_15 Datasheet
321Kb / 22P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3417A-1 LINER-LTC3417A-1_15 Datasheet
350Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator with POR
LTC3417A-2 LINER-LTC3417A-2_15 Datasheet
342Kb / 20P
Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com