Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSTA7300 Datasheet (PDF) - Vishay Siliconix

TSTA7300 Datasheet PDF - Vishay Siliconix
Part # TSTA7300
Download  TSTA7300 Download
File Size   82.54 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case

TSTA7300 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSTA7300 Datasheet PDF - Vishay Siliconix

Part # TSTA7300
Download  TSTA7300 Click to download

File Size   82.54 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case

TSTA7300 Datasheet (HTML) - Vishay Siliconix


TSTA7300 Product details

DESCRIPTION
TSTA7300 is an infrared, 875 nm emitting diode in GaAlAs technology in a hermetically sealed TO-18 package with lens.

FEATURES
• Package type: leaded
• Package form: TO-18
• Dimensions (in mm): ∅ 4.7
• Peak wavelength: λp = 875 nm
• High reliability
• High radiant power
• High radiant intensity
• Angle of half intensity: ϕ = ± 12°
• Low forward voltage
• Suitable for high pulse current operation
• Good spectral matching with Si photodetectors
• Lead (Pb)-free component in accordance with RoHS 2002/95/EC and WEEE 2002/96/EC

APPLICATIONS
• Radiation source near infrared range




Similar Part No. - TSTA7300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTA7300 VISHAY-TSTA7300 Datasheet
151Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300 Datasheet
144Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300 Datasheet
143Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300_08 Datasheet
151Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
TSTA7300 VISHAY-TSTA7300_V01 Datasheet
144Kb / 5P
Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
04-Sep-08
More results


Similar Description - TSTA7300

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
20-May-99
T8514VB VISHAY-T8514VB Datasheet
92Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
29-Mar-10
T8719VA VISHAY-T8719VA Datasheet
85Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
23-Mar-11
T8914VA VISHAY-T8914VA Datasheet
100Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
29-Mar-10
TB9414VA VISHAY-TB9414VA_V01 Datasheet
84Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
TB9414VA VISHAY-TB9414VA_V02 Datasheet
85Kb / 4P
Specification of GaAlAs IR Emitting Diode Chip
28-Jul-14
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com