Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11699H Datasheet (PDF) - Sanyo Semicon Device

LB11699H Datasheet PDF - Sanyo Semicon Device
Part # LB11699H
Download  LB11699H Download
File Size   115.92 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Spindle Motor Driver IC

LB11699H Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11699H Datasheet PDF - Sanyo Semicon Device

Part # LB11699H
Download  LB11699H Click to download

File Size   115.92 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Spindle Motor Driver IC

LB11699H Datasheet (HTML) - Sanyo Semicon Device


LB11699H Product details

Overview
The LB11699H is a spindle motor driver IC for CD-ROM drives.

Features
• Three-phase brushless motor driver

Functions
• Current linear drive
• Voltage controlled amplifier
• The use of high side current detection means that there is no loss (or voltage drop) due to the current detection resistor.
• Built-in short-circuit braking circuit
• Built-in reverse rotation prevention circuit
• Hall sensor FG output
• Built-in start/stop function
• Built-in current limiter circuit (adjustable)
• Built-in Hall sensor power supply
• Built-in thermal shutdown circuit
• Supports 3.3V DSPs
• Maximum current rating: 2.0A




Similar Part No. - LB11699H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
Monolithic Digital IC 24V Fan Motor Driver IC
More results


Similar Description - LB11699H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
SPINDLE MOTOR DRIVER
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
SPINDLE MOTOR DRIVER
logo
Panasonic Semiconductor
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
Spindle motor driver IC for optical disk
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
Spindle motor driver IC for optical disk
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com