Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMB540A Datasheet (PDF) - MDE Semiconductor, Inc.

P6SMB540A Datasheet PDF - MDE Semiconductor, Inc.
Part # P6SMB540A
Download  P6SMB540A Download
File Size   161.37 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

P6SMB540A Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB540A Datasheet PDF - MDE Semiconductor, Inc.

Part # P6SMB540A
Download  P6SMB540A Click to download

File Size   161.37 Kbytes
Page   3 Pages
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.
Description GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR

P6SMB540A Datasheet (HTML) - MDE Semiconductor, Inc.


P6SMB540A Product details

FEATURES

• For surface mounted applications in order to optimize board space

• Glass passivated junction

• Built-in strain relief

• Excellent clamping capability

• Low profile package

• Low inductance

• Excellent clamping capability

• Fast response time: typically less than 1.0 ps from 0 volts to BV min

• Typical IRless than 1µA above 10V

• High temperature soldering guaranteed: 250°C/10 seconds at terminals




Similar Part No. - P6SMB540A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6SMB540A WEITRON-P6SMB540A Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
P6SMB540A VISHAY-P6SMB540A Datasheet
112Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
GOOD-ARK Electronics
P6SMB540A GOOD-ARK-P6SMB540A Datasheet
253Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
Littelfuse
P6SMB540A LITTELFUSE-P6SMB540A Datasheet
143Kb / 5P
Transient Voltage Suppression Diodes
logo
Weitron Technology
P6SMB540A WEITRON-P6SMB540A Datasheet
1Mb / 4P
600W Surface Mount Transient Voltage Suppressors
More results


Similar Description - P6SMB540A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
3KP PANJIT-3KP_07 Datasheet
90Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
3KP5.0A MDE-3KP5.0A Datasheet
62Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6SBMJ6.8CAPT CHENMKO-P6SBMJ6.8CAPT Datasheet
101Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Semiconducto...
5KP5.0 CHENDA-5KP5.0_V01 Datasheet
685Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
30KP28A YFWDIODE-30KP28A Datasheet
421Kb / 4P
Glass Passivated Junction Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com