Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62386 Datasheet (PDF) - Intersil Corporation

ISL62386 Datasheet PDF - Intersil Corporation
Part # ISL62386
Download  ISL62386 Download
File Size   445.06 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers

ISL62386 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL62386 Datasheet PDF - Intersil Corporation

Part # ISL62386
Download  ISL62386 Click to download

File Size   445.06 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers

ISL62386 Datasheet (HTML) - Intersil Corporation


ISL62386 Product details

High-Efficiency, QuadOutput System Power Supply Controller for Notebook Computers



The ISL62386 controller generates supply voltages for battery-powered systems. The ISL62386 includes two

pulse-width modulation (PWM) controllers, adjustable from 0.6V to 5.5V, and two linear regulators, LDO5 and LDO3, that generate a fixed 5V output and a fixed 3.3V output respectively. Each can deliver up to 100mA. The Channel 2 switching regulator will automatically take over the LDO5 load when programmed to 5V output.



Features

• High Performance R3 Technology

• Fast Transient Response

• ±1% Output Voltage Accuracy: -10°C to +100°C

• Two Fully Programmable Switch-Mode Power Supplies with Independent Operation

• Programmable Switching Frequency

• Integrated MOSFET Drivers and Bootstrap Diode

• Fixed +3.3V LDO Output with Enable Control

• Fixed +5V LDO with Automatic Switchover to SMPS2

• Internal Soft-Start and Soft-Stop Output Discharge

• Wide Input Voltage Range: +5.5V to +25V

• Full and Ultrasonic Pulse-Skipping Mode

• Power-Good Indicator

• Overvoltage, Undervoltage and Overcurrent Protection

• Thermal Monitor and Protection

• Pb-Free (RoHS Compliant)



Applications

• Notebook and Sub-Notebook Computers

• PDAs and Mobile Communication Devices

• 3-Cell and 4-Cell Li+ Battery-Powered Devices

• General Purpose Switching Buck Regulators




Similar Part No. - ISL62386

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ RENESAS-ISL62386HRTZ Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ-T RENESAS-ISL62386HRTZ-T Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results


Similar Description - ISL62386

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
April 20, 2009
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
August 7, 2008
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
May 13, 2011
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
High Efficiency System Power Supply Controller for Notebook Computers
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com