Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK12 Datasheet (PDF) - Silan Microelectronics Joint-stock

SK12 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SK12
Download  SK12 Download
File Size   294.88 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description Suface Moint Schottky Barrier Rectifiers

SK12 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK12 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SK12
Download  SK12 Click to download

File Size   294.88 Kbytes
Page   3 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description Suface Moint Schottky Barrier Rectifiers

SK12 Datasheet (HTML) - Silan Microelectronics Joint-stock


SK12 Product details

Surface Mount Schottky Barrier Rectifiers

Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation metal overlay contact.

* Low Forward Voltag.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalance
* Guard-Ring for Stress Protection
* Low Power Loss & High efficiency.
* 125°C Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction
* Plastic Material used Carries Underwriters Laboratory
   Flammability Classification 94V-O




Similar Part No. - SK12

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SK12 MOSPEC-SK12 Datasheet
228Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-60V)
logo
Surge Components
SK12 SURGE-SK12 Datasheet
71Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 1.0 Ampere???
logo
Won-Top Electronics
SK12 WTE-SK12 Datasheet
42Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SK12 JGD-SK12 Datasheet
299Kb / 4P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SK12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Gaomi Xinghe Electronic...
SK17 GXELECTRONICS-SK17 Datasheet
1Mb / 3P
Suface Mount Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
SK320-SMA-NH-E NIUHANG-SK320-SMA-NH-E Datasheet
1Mb / 3P
SUFACE MOUNT SCHOTTKY RECTIFIERS
SS320-SMA-NH-E-OK NIUHANG-SS320-SMA-NH-E-OK Datasheet
1Mb / 3P
SUFACE MOUNT SCHOTTKY RECTIFIERS
SS320-SMB-NH-E-OK NIUHANG-SS320-SMB-NH-E-OK Datasheet
1Mb / 3P
SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
SS24AL NIUHANG-SS24AL Datasheet
293Kb / 3P
SUFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
RS3AF LEIDITECH-RS3AF Datasheet
142Kb / 3P
Suface Mount Fast Recovery Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com