Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1303 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1303 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1303
Download  YB1303 Download
File Size   443.27 Kbytes
Page   8 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low Dropout LED Driver

YB1303 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1303 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1303
Download  YB1303 Click to download

File Size   443.27 Kbytes
Page   8 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description Low Dropout LED Driver

YB1303 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1303 Product details

Description
The YB1303 provides a simple solution for driving three channels of any color LEDs with current matching ability. The ultra low dropout LED driver features higher peak efficiency and very low shutdown current. The LED current can be adjusted by an external resistor or the control voltage. The YB1303 can work independently or combine with any boost converters which need to have current matching function for LED drivers. The YB1303 is available in 6-pin tiny SC70-6 package.

Features
■ LED Drivers for Parallel Connected LEDs
■ Only One External Resistor is Needed
■ PWM and Analog Brightness Control
■ No EMI and Switching Noise
■ Power Saving Shutdown Mode (<0.1μA)
■ Small Footprint SC70-6 Package

Applications
■ LCD Display Modules
■ Keyboard Backlight
■ PDA, DSC, MP3 players
■ LED Displays
■ Handheld Computers
■ Cell Phones




Similar Part No. - YB1303

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
Regulated Charge Pump 5V 100mA
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
YB1300ST26S450 YOBON-YB1300ST26S450 Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
YB1300ST26S500 YOBON-YB1300ST26S500 Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
More results


Similar Description - YB1303

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A Datasheet
216Kb / 9P
Low Dropout LED Driver for any Color LED
SP7614 SIPEX-SP7614 Datasheet
93Kb / 4P
Low Dropout LED Driver for any Color LED
logo
Richtek Technology Corp...
RT9301 RICHTEK-RT9301 Datasheet
250Kb / 9P
3-Channel Low Dropout RGB LED Driver
logo
Exar Corporation
SP7612 EXAR-SP7612 Datasheet
463Kb / 14P
Low Dropout Linear LED Driver
logo
Infineon Technologies A...
TLE4240-2M INFINEON-TLE4240-2M Datasheet
242Kb / 11P
Low Dropout Linear LED Driver
Rev. 1.1, 2006-12-07
TLE4309 INFINEON-TLE4309 Datasheet
295Kb / 12P
Adjustable Linear Low Dropout LED Driver
Rev. 1.0, 2007-03-20
logo
IXYS Corporation
LDS8865 IXYS-LDS8865 Datasheet
402Kb / 12P
6-Channel Ultra Low Dropout LED Driver
LDS8869 IXYS-LDS8869 Datasheet
474Kb / 14P
6-Channel Ultra Low Dropout LED Driver
logo
Shanghai Consonance Ele...
CN5611 CONSONANCE-CN5611 Datasheet
108Kb / 8P
Low-Dropout High-Power LED Driver
CN5612 CONSONANCE-CN5612 Datasheet
133Kb / 8P
Low-Dropout High-Power LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com