Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4304 Datasheet (PDF) - Savantic, Inc.

2SC4304 Datasheet PDF - Savantic, Inc.
Part # 2SC4304
Download  2SC4304 Download
File Size   245.57 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC4304 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4304 Datasheet PDF - Savantic, Inc.

Part # 2SC4304
Download  2SC4304 Click to download

File Size   245.57 Kbytes
Page   4 Pages
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.
Description Silicon NPN Power Transistors

2SC4304 Datasheet (HTML) - Savantic, Inc.


2SC4304 Product details

DESCRIPTION
·With TO-220F package
·High voltage
·High speed switching

APPLICATIONS
·For switching regulator and general purpose applications

VCBO Collector-base voltage Open emitter 900 V
VCEO Collector-emitter voltage Open base 800 V
VEBO Emitter-base voltage Open collector 7 V
IC Collector current 3 A




Similar Part No. - 2SC4304

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC4304 SANKEN-2SC4304 Datasheet
25Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Quanzhou Jinmei Electro...
2SC4304 JMNIC-2SC4304 Datasheet
188Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4304 ISC-2SC4304 Datasheet
157Kb / 4P
Silicon NPN Power Transistors
logo
Sanken electric
2SC4304 SANKEN-2SC4304 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Savantic, Inc.
2SC4304 SAVANTIC-2SC4304 Datasheet
247Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4304

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com