Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25B64 Datasheet (PDF) - Eon Silicon Solution Inc.

EN25B64 Datasheet PDF - Eon Silicon Solution Inc.
Part # EN25B64
Download  EN25B64 Download
File Size   420.15 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 64 Megabit Serial Flash Memory with Boot and Parameter Sectors

EN25B64 Datasheet (PDF)

Go To PDF Page Download Datasheet
EN25B64 Datasheet PDF - Eon Silicon Solution Inc.

Part # EN25B64
Download  EN25B64 Click to download

File Size   420.15 Kbytes
Page   37 Pages
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 64 Megabit Serial Flash Memory with Boot and Parameter Sectors

EN25B64 Datasheet (HTML) - Eon Silicon Solution Inc.


EN25B64 Product details

GENERAL DESCRIPTION

The EN25B64 is a 64M-bit (8192K-byte) Serial Flash memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.

The EN25B64 has one hundred twenty-eight sectors including one hundred twenty-seven sectors of 64KB, one sector of 32KB, one sector of 16KB, one sector of 8KB and two sectors of 4KB. This device is designed to allow either single Sector at a time or full chip erase operation. The EN25B64 can protect boot code stored in the small sectors for either bottom or top boot configurations. The device can sustain a minimum of 100K program/erase cycles on each sector.



FEATURES

• Single power supply operation

   - Full voltage range: 2.7-3.6 volt

• 64 M-bit Serial Flash

   - 64 M-bit/8192 K-byte/32768 pages

   - 256 bytes per programmable page

• High performance

   - 100MHz clock rate

• Low power consumption

   - 5 mA typical active current

   - 1 μA typical power down current

• Flexible Sector Architecture:

   - Two 4-Kbyte, one 8-Kbyte, one 16-Kbyte,one 32-Kbyte, and one hundred twenty-seven 64-Kbyte sectors

• Software and Hardware Write Protection:

   - Write Protect all or portion of memory via software

   - Enable/Disable protection with WP# pin

• High performance program/erase speed

   - Byte program time: 7µs typical

   - Page program time: 1.5ms typical

   - Sector erase time: 300 to 800ms typical

   - Chip erase time: 50 Seconds typical

• Lockable 512byte OTP security sector

• Minimum 100K endurance cycle

• Package Options

   - 16 pins SOP 300mil body width

   - All Pb-free packages are RoHS compliant

• Industrial temperature Range



 




Similar Part No. - EN25B64

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GC EON-EN25B05-50GC Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GCP EON-EN25B05-50GCP Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GI EON-EN25B05-50GI Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05-50GIP EON-EN25B05-50GIP Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
More results


Similar Description - EN25B64

ManufacturerPart #DatasheetDescription
logo
Winbond
W25B40 WINBOND-W25B40 Datasheet
1Mb / 36P
4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
logo
Eon Silicon Solution In...
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
4 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B05 EON-EN25B05 Datasheet
386Kb / 30P
512 Kbit Serial Flash Memory with Boot and Parameter Sectors
EN25B10 EON-EN25B10 Datasheet
391Kb / 31P
1 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B16 EON-EN25B16 Datasheet
459Kb / 36P
16 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B20 EON-EN25B20 Datasheet
397Kb / 32P
2 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B32 EON-EN25B32 Datasheet
479Kb / 38P
32 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25B80 EON-EN25B80 Datasheet
452Kb / 33P
8 Mbit Serial Flash Memory with Boot and Parameter Sectors
EN25P64 EON-EN25P64 Datasheet
540Kb / 34P
64 Megabit Uniform Sector, Serial Flash Memory
logo
Winbond
W25B40AVSNIG-TR WINBOND-W25B40AVSNIG-TR Datasheet
1Mb / 36P
4M-BIT SERIAL FLASH MEMORY WITH BOOT AND PARAMETER SECTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com