Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVA-82 Datasheet (PDF) - Mini-Circuits

GVA-82 Datasheet PDF - Mini-Circuits
Part # GVA-82
Download  GVA-82 Download
File Size   257.39 Kbytes
Page   5 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier

GVA-82 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVA-82 Datasheet PDF - Mini-Circuits

Part # GVA-82
Download  GVA-82 Click to download

File Size   257.39 Kbytes
Page   5 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier

GVA-82 Datasheet (HTML) - Mini-Circuits


GVA-82 Product details

General Description

GVA-82+ (RoHS compliant) is a wideband amplifier offering high dynamic range. Lead finish is SnAgNi. It has repeatable performance from lot to lot and is enclosed in a SOT-89 package. It uses patented Transient Protected Darlington configuration and is fabricated using InGaP HBT technology. 



Product Features

• Gain, 15 dB typ. at 100 MHz

• High Pout, P1dB 20 dBm typ.

• High IP3, 40 dBm typ. at 100 MHz

• Ruggedized design

• Fixed 5V operation

• Unconditionally stable

• Excellent ESD Protection

• Transient protected, US patent 6,943,629



Typical Applications

• Base station infrastructure

• Portable Wireless

• CATV & DBS

• MMDS & Wireless LAN

• LTE




Similar Part No. - GVA-82

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-82+ MINI-GVA-82+ Datasheet
767Kb / 1P
AMPLIFIERS
More results


Similar Description - GVA-82

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
CMA-62 MINI-CMA-62 Datasheet
420Kb / 5P
Monolithic Amplifier
GVA-60 MINI-GVA-60 Datasheet
255Kb / 5P
Monolithic Amplifier
LVA-123 MINI-LVA-123 Datasheet
291Kb / 5P
Monolithic Amplifier
MNA-4W MINI-MNA-4W Datasheet
277Kb / 5P
Monolithic Amplifier
MNA-6A MINI-MNA-6A Datasheet
275Kb / 5P
Monolithic Amplifier
MNA-6W MINI-MNA-6W Datasheet
276Kb / 5P
Monolithic Amplifier
PGA-105 MINI-PGA-105 Datasheet
389Kb / 5P
Monolithic Amplifier
PMA2-43LN MINI-PMA2-43LN Datasheet
305Kb / 6P
Monolithic Amplifier
PMA3-83LN MINI-PMA3-83LN Datasheet
244Kb / 5P
Monolithic Amplifier
PMA-5455 MINI-PMA-5455_15 Datasheet
399Kb / 6P
Monolithic Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com