Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GVA-83 Datasheet (PDF) - Mini-Circuits

GVA-83 Datasheet PDF - Mini-Circuits
Part # GVA-83
Download  GVA-83 Download
File Size   259.84 Kbytes
Page   5 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier DC-7 GHz

GVA-83 Datasheet (PDF)

Go To PDF Page Download Datasheet
GVA-83 Datasheet PDF - Mini-Circuits

Part # GVA-83
Download  GVA-83 Click to download

File Size   259.84 Kbytes
Page   5 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Monolithic Amplifier DC-7 GHz

GVA-83 Datasheet (HTML) - Mini-Circuits


GVA-83 Product details

General Description
GVA-83+ (RoHS compliant) is a wideband amplifier offering high dynamic range. Lead finish is SnAgNi. It has repeatable performance from lot to lot and is enclosed in a SOT-89 package. It uses patented Transient Protected Darlington configuration and is fabricated using InGaP HBT technology.

Product Features
• High Gain, 20 dB typ. at 100 MHz
• High Pout, P1dB 18 dBm typ.
• High IP3, 33 dBm typ. at 100 MHz
• Ruggedized Design
• 5V operation
• Unconditionally stable
• Excellent ESD Protection
• Transient protected, US patent 6,943,629

Typical Applications
• Base station infrastructure
• Portable Wireless
• CATV & DBS
• MMDS & Wireless LAN
• LTE




Similar Part No. - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GVA-83+ MINI-GVA-83+ Datasheet
767Kb / 1P
AMPLIFIERS
More results


Similar Description - GVA-83

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
Monolithic Amplifier DC-8 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-21 MINI-GALI-21 Datasheet
192Kb / 4P
Monolithic Amplifier DC-8 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-51 MINI-GALI-51 Datasheet
192Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
Monolithic Amplifier DC-2 GHz
GVA-84 MINI-GVA-84_15 Datasheet
242Kb / 5P
Monolithic Amplifier DC-7 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
Monolithic Amplifier DC-2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com