Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR-6G Datasheet (PDF) - Mini-Circuits

PWR-6G Datasheet PDF - Mini-Circuits
Part # PWR-6G
Download  PWR-6G Download
File Size   490.4 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description USB Power Sensor 50廓 -30 dBm to 20 dBm, 1 to 6000 MHz

PWR-6G Datasheet (PDF)

Go To PDF Page Download Datasheet
PWR-6G Datasheet PDF - Mini-Circuits

Part # PWR-6G
Download  PWR-6G Click to download

File Size   490.4 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description USB Power Sensor 50廓 -30 dBm to 20 dBm, 1 to 6000 MHz

PWR-6G Datasheet (HTML) - Mini-Circuits




Similar Part No. - PWR-6G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PWR-6GHS MINI-PWR-6GHS Datasheet
392Kb / 1P
USB Smart Power Sensor
PWR-6GHS+ MINI-PWR-6GHS+ Datasheet
392Kb / 1P
USB Smart Power Sensor
More results


Similar Description - PWR-6G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-60LH MINI-MCA1-60LH Datasheet
166Kb / 2P
Frequency Mixer WIDE BAND - Level 10 (LO Power 10 dBm) 1700 to 6000 MHz
logo
Mimix Broadband
CFK2062-P1 MIMIX-CFK2062-P1 Datasheet
796Kb / 5P
800 to 900 MHz 30 dBm Power GaAs FET
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
1.8 to 2.0 GHz 30 dBm Power GaAs FET
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFK2162-P1 MIMIX-CFK2162-P1 Datasheet
263Kb / 5P
800 to 900 MHz 34 dBm Power GaAs FET
logo
Mini-Circuits
ZFBT-6GW MINI-ZFBT-6GW Datasheet
204Kb / 2P
Bias-Tee 50廓 Wideband 0.1 to 6000 MHz
logo
Pasternack Enterprises,...
PE15A1008 PASTERNACK-PE15A1008 Datasheet
745Kb / 5P
23 dBm IP3, 1.6 dB NF, 13 dBm, 20 MHz to 3 GHz, Low Noise Amplifier
PE15A6008 PASTERNACK-PE15A6008 Datasheet
513Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
PE15A6012 PASTERNACK-PE15A6012 Datasheet
512Kb / 7P
Amplifier, -20 to 20 dBm Pin, SMA
logo
Transcom, Inc.
TA001-010-24-27 TRANSCOM-TA001-010-24-27 Datasheet
46Kb / 2P
50 ~ 1000 MHz 27 dBm Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com