Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZAPD-21 Datasheet (PDF) - Mini-Circuits

ZAPD-21 Datasheet PDF - Mini-Circuits
Part # ZAPD-21
Download  ZAPD-21 Download
File Size   162.49 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 500 to 2000 MHz

ZAPD-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZAPD-21 Datasheet PDF - Mini-Circuits

Part # ZAPD-21
Download  ZAPD-21 Click to download

File Size   162.49 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 50廓 500 to 2000 MHz

ZAPD-21 Datasheet (HTML) - Mini-Circuits


ZAPD-21 Product details

Features
• wideband, 500 to 2000 MHz
• low insertion loss, 0.25 dB typ.
• good isolation, 25 dB typ.
• up to 10W power input as splitter
• excellent amplitude unbalance, 0.1 dB typ.
• excellent phase unbalance, 1 deg. typ.
• excellent VSWR, 1.20:1 typ.
• rugged shielded case

Applications
• UHF • communications systems
• GPS • instrumentation
• cellular
• PCS/DCS




Similar Part No. - ZAPD-21

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-2+ MINI-ZAPD-2+ Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-2-21-3W MINI-ZAPD-2-21-3W Datasheet
139Kb / 1P
High Power Combiner 2 Way-0 50廓 700 to 2100 MHz
ZAPD-2-22-75 MINI-ZAPD-2-22-75 Datasheet
163Kb / 1P
Power Splitter/Combiner
ZAPD-2-22-75+ MINI-ZAPD-2-22-75+ Datasheet
163Kb / 1P
Power Splitter/Combiner
More results


Similar Description - ZAPD-21

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-1 MINI-ZAPD-1 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 1000 MHz
ZAPD-2 MINI-ZAPD-2 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1000 to 2000 MHz
ZAPD-20 MINI-ZAPD-20 Datasheet
165Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZAPD-23 MINI-ZAPD-23 Datasheet
161Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 700 to 2000 MHz
ZFRSC-2050 MINI-ZFRSC-2050 Datasheet
173Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 2000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
ZFSC-2-11 MINI-ZFSC-2-11 Datasheet
98Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 10 to 2000 MHz
ZN2PD2-50 MINI-ZN2PD2-50 Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 500 to 5000 MHz
ZN2PD-20 MINI-ZN2PD-20 Datasheet
97Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 750 to 2000 MHz
ZN2PD-1900W MINI-ZN2PD-1900W Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 1500 to 2000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com