Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL2409S Datasheet (PDF) - XP Power Limited

IL2409S Datasheet PDF - XP Power Limited
Part # IL2409S
Download  IL2409S Download
File Size   45.99 Kbytes
Page   1 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC Power Supplies

IL2409S Datasheet (PDF)

Go To PDF Page Download Datasheet
IL2409S Datasheet PDF - XP Power Limited

Part # IL2409S
Download  IL2409S Click to download

File Size   45.99 Kbytes
Page   1 Pages
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited
Description DC-DC Power Supplies

IL2409S Datasheet (HTML) - XP Power Limited


IL2409S Product details

2 Watts IL Series

• Single Output
• SIP Package
• Industry Standard Pinout
• 1000 VDC Isolation
• Optional 3000 VDC Isolation
• Short Circuit Protection
• -40 °C to +85 °C Operation




Similar Part No. - IL2409S

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL2410 INTEGRAL-IL2410 Datasheet
330Kb / 7P
Tone Ringer
IL2410D INTEGRAL-IL2410D Datasheet
330Kb / 7P
Tone Ringer
IL2410N INTEGRAL-IL2410N Datasheet
330Kb / 7P
Tone Ringer
IL2411 INTEGRAL-IL2411 Datasheet
262Kb / 6P
Tone Ringer
IL2411D INTEGRAL-IL2411D Datasheet
262Kb / 6P
Tone Ringer
More results


Similar Description - IL2409S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
DC-DC Power Supplies
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
DC-DC Power Supplies
WF100 XPPOWER-WF100_13 Datasheet
297Kb / 2P
DC-DC Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com