Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX10R-14 Datasheet (PDF) - Mini-Circuits

ZX10R-14 Datasheet PDF - Mini-Circuits
Part # ZX10R-14
Download  ZX10R-14 Download
File Size   92.84 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 10000 MHz

ZX10R-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX10R-14 Datasheet PDF - Mini-Circuits

Part # ZX10R-14
Download  ZX10R-14 Click to download

File Size   92.84 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 10000 MHz

ZX10R-14 Datasheet (HTML) - Mini-Circuits




Similar Part No. - ZX10R-14

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZX10 DIOTEC-ZX10 Datasheet
112Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
ZX10 DIOTEC-ZX10 Datasheet
114Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
New Jersey Semi-Conduct...
ZX10 NJSEMI-ZX10 Datasheet
166Kb / 2P
Silicon Power Z Diodes
logo
Mini-Circuits
ZX10-2-12 MINI-ZX10-2-12 Datasheet
136Kb / 1P
Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
ZX10-2-12+ MINI-ZX10-2-12+ Datasheet
280Kb / 1P
POWER SPLITTER/COMBINERS
More results


Similar Description - ZX10R-14

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZAPD-50 MINI-ZAPD-50 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 4400 to 5000 MHz
ZAPD-1750 MINI-ZAPD-1750 Datasheet
162Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 950 to 1750 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
ZFRSC-42 MINI-ZFRSC-42 Datasheet
166Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 4200 MHz
ZFRSC-123 MINI-ZFRSC-123 Datasheet
94Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 12000 MHz
ZFRSC-183 MINI-ZFRSC-183 Datasheet
98Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 18000 MHz
ZFRSC-2050 MINI-ZFRSC-2050 Datasheet
173Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 50廓 DC to 2000 MHz
ZFRSC-2075 MINI-ZFRSC-2075 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0 Resistive 75廓 DC to 2000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G Datasheet
199Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 2000 to 10000 MHz
ZFSC-2-10G MINI-ZFSC-2-10G_1 Datasheet
178Kb / 1P
Power Splitter/Combiner 2 Way-0째 50廓 2000 to 10000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com