Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU18 Datasheet (PDF) - Mospec Semiconductor

SU18 Datasheet PDF - Mospec Semiconductor
Part # SU18
Download  SU18 Download
File Size   149.38 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(1.0A,500-1000V)

SU18 Datasheet (PDF)

Go To PDF Page Download Datasheet
SU18 Datasheet PDF - Mospec Semiconductor

Part # SU18
Download  SU18 Click to download

File Size   149.38 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER RECTIFIERS(1.0A,500-1000V)

SU18 Datasheet (HTML) - Mospec Semiconductor


SU18 Product details

ULTRAFAST POWER RECTIFIERS 1.0 AMPERES 500 -- 1000 VOLTS




Similar Part No. - SU18

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SU1 RECTRON-SU1 Datasheet
393Kb / 5P
SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
logo
TE Connectivity Ltd
SU1/21K0AL TEC-SU1/21K0AL Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU1/21K0AR TEC-SU1/21K0AR Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU1/21K0AT TEC-SU1/21K0AT Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU1/21K0BL TEC-SU1/21K0BL Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
More results


Similar Description - SU18

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER106 MOSPEC-HER106 Datasheet
129Kb / 2P
HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
MU17 MOSPEC-MU17 Datasheet
144Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
MU27 MOSPEC-MU27 Datasheet
133Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
MU37 MOSPEC-MU37 Datasheet
134Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
MU57 MOSPEC-MU57 Datasheet
132Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
SF17 MOSPEC-SF17 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
SF27 MOSPEC-SF27 Datasheet
129Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
SF37 MOSPEC-SF37 Datasheet
131Kb / 2P
POWER RECTIFIERS(3.0A,500-1000V)
SF47 MOSPEC-SF47 Datasheet
127Kb / 2P
POWER RECTIFIERS(4.0A,500-1000V)
SF57 MOSPEC-SF57 Datasheet
129Kb / 2P
POWER RECTIFIERS(5.0A,500-1000V)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com