Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C4559-14 Datasheet (PDF) - Cooper Bussmann, Inc.

C4559-14 Datasheet PDF - Cooper Bussmann, Inc.
Part # C4559-14
Download  C4559-14 Download
File Size   118.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Stud Type Junction Blocks

C4559-14 Datasheet (PDF)

Go To PDF Page Download Datasheet
C4559-14 Datasheet PDF - Cooper Bussmann, Inc.

Part # C4559-14
Download  C4559-14 Click to download

File Size   118.66 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Stud Type Junction Blocks

C4559-14 Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - C4559-14

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
C455 COILCRAFT-C455 Datasheet
100Kb / 1P
Designer’s Kits
logo
Vectron International, ...
C4550 VECTRON-C4550 Datasheet
410Kb / 4P
OCXO Surface Mount Package Optional Reflow Process Compatible Optional AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
C4550 VECTRON-C4550 Datasheet
116Kb / 5P
Surface Mount Package Optional
C4550 VECTRON-C4550 Datasheet
52Kb / 2P
Stratum 3E
C4550 VECTRON-C4550_06 Datasheet
116Kb / 5P
Surface Mount Package Optional
More results


Similar Description - C4559-14

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N5832 TEL-1N5832 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 40 A
MBR3520 TEL-MBR3520 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 35 A
MBR7520 TEL-MBR7520 Datasheet
123Kb / 2P
SCHOTTKY DIODES STUD TYPE 75 A
logo
Cooper Bussmann, Inc.
CPB162 COOPER-CPB162 Datasheet
95Kb / 2P
Connector/Stud Power Distribution Blocks
logo
Naina Semiconductor ltd...
240NS NAINA-240NS Datasheet
112Kb / 2P
Standard Recovery Diodes (Stud Type), 320A
logo
Adam Technologies, Inc.
EB59-XX-A ADAM-TECH-EB59-XX-A Datasheet
87Kb / 1P
MINI TYPE SIMPLE TYPE CLAMP TERMINAL BLOCKS
logo
List of Unclassifed Man...
C2791 ETC1-C2791 Datasheet
491Kb / 2P
Feed-through and standalone stud type junction blocks
logo
Naina Semiconductor ltd...
150NT NAINA-150NT_17 Datasheet
109Kb / 2P
Phase Control Thyristors (Stud Type), 150A
logo
New Jersey Semi-Conduct...
MBR6020 NJSEMI-MBR6020 Datasheet
81Kb / 1P
SCHOTTKY DIODES STUD TYPE 60A
logo
Banner Engineering Corp...
R50-4M125-M125Q-P BANNER-R50-4M125-M125Q-P Datasheet
2Mb / 4P
Molded Junction Blocks - Parallel Wired
Rev. A / 9 May 2022
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com