Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1384 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

2SC1384 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 2SC1384
Download  2SC1384 Download

File Size   146.01 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC1384 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1384 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 2SC1384
Download  2SC1384 Click to download

File Size   146.01 Kbytes
Page   3 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description NPN Silicon General Purpose Transistor

2SC1384 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

2SC1384 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1384 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1384 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH

2SC1384 Product details

FEATURE
   Power dissipation
      PCM: 1 W (Tamb=25℃)
   Collector current
      ICM: 1 A
   Collector-base voltage
   V(BR)CBO: 2SC1383: 30 V
                       2SC1384: 50 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1384 PANASONIC-2SC1384 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
List of Unclassifed Man...
2SC1384 ETC1-2SC1384 Datasheet
192Kb / 3P
   TRANSISTOR
logo
Weitron Technology
2SC1384 WEITRON-2SC1384 Datasheet
314Kb / 5P
   NPN General Purpose Transistors
logo
Nanjing International G...
2SC1384 DGNJDZ-2SC1384 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Similar Description - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com