Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A113EHI Datasheet (PDF) - MicroPower Direct, LLC

A113EHI Datasheet PDF - MicroPower Direct, LLC
Part # A113EHI
Download  A113EHI Download
File Size   181.6 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters

A113EHI Datasheet (PDF)

Go To PDF Page Download Datasheet
A113EHI Datasheet PDF - MicroPower Direct, LLC

Part # A113EHI
Download  A113EHI Click to download

File Size   181.6 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Converters

A113EHI Datasheet (HTML) - MicroPower Direct, LLC


A113EHI Product details

Key Features:
• 1W Output Power
• 6,000 VDC Isolation
• UL Approved (File E245422)
• -40ºC to 85ºC Operation
• 24 Pin DIP Case
• 5V and 12V Inputs
• Single & Dual Outputs
• 16 Standard Models
• 3.5 MH MTBF
• LOWEST COST!!




Similar Part No. - A113EHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A113EHI MPD-A113EHI Datasheet
207Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
More results


Similar Description - A113EHI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D118EI ETC1-D118EI Datasheet
82Kb / 2P
Low Cost, 1W High Isolation SIP DC/DC Converters
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
D100EHI MPD-D100EHI Datasheet
181Kb / 2P
Low Cost, Miniature SIP 1W, Very High Isolation DC/DC Converters
D100EI MPD-D100EI Datasheet
183Kb / 2P
Low Cost, 1W SIP High Isolation DC/DC Converters
D100I MPD-D100I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
E100I MPD-E100I Datasheet
185Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
Low Cost, 1W MiniDIP High Isolation DC/DC Converters
H100E MPD-H100E Datasheet
210Kb / 2P
Low Cost, 1W, Ultra-Miniature DC/DC Converters
ACP100E MPD-ACP100E Datasheet
285Kb / 2P
Low Cost, 1W Ultra-Miniature DC/DC Converters
A100EHI MPD-A100EHI_14 Datasheet
207Kb / 2P
Low Cost, Miniature DIP 1W, Very High Isolation DC/DC Con vert ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com