Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1501RW Datasheet (PDF) - MicroPower Direct, LLC

B1501RW Datasheet PDF - MicroPower Direct, LLC
Part # B1501RW
Download  B1501RW Download
File Size   265.59 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters

B1501RW Datasheet (PDF)

Go To PDF Page Download Datasheet
B1501RW Datasheet PDF - MicroPower Direct, LLC

Part # B1501RW
Download  B1501RW Click to download

File Size   265.59 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact 1 x 2 Inch 15W Wide Input Range DC/DC Converters

B1501RW Datasheet (HTML) - MicroPower Direct, LLC


B1501RW Product details

Key Features:
• 15W Output Power
• 2:1 Input Voltage Range
• 1,500 VDC Isolation
• Compact 1 x 2 Inch Case
• Single & Dual Outputs
• Optional Remote ON/OFF
• Industry Standard Pin-Out




Similar Part No. - B1501RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1501RW MPD-B1501RW Datasheet
276Kb / 2P
B1500RW SERIES
More results


Similar Description - B1501RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
B1000ERW MPD-B1000ERW Datasheet
200Kb / 2P
Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1000RW MPD-B1000RW Datasheet
74Kb / 2P
Compact 1 x 2 Inch 10W Wide Input Range DC/DC Converters
B1500ERW MPD-B1500ERW Datasheet
233Kb / 2P
Low Cost, 1 x 2 Inch 15W, 2:1 Input Range DC/DC Converters
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
B3000RW MPD-B3000RW Datasheet
270Kb / 2P
Compact 1 x 2 Inch 30W Wide Input Range DC/DC Converters
I1500RW MPD-I1500RW Datasheet
213Kb / 2P
Ultra-Miniature 15W Wide 2:1 Input Range DC/DC Converters
MR1511S MPD-MR1511S Datasheet
859Kb / 4P
Ultra-Wide Input, 15W Compact, Railway DC/DC Converters
MB1500ERU MPD-MB1500ERU Datasheet
722Kb / 4P
Low Cost, 1 x 2 Inch 15W, 4:1 Input Range DC/DC Converters
MI1000RW MPD-MI1000RW Datasheet
357Kb / 3P
Compact, 1 x 1 Inch 10W, 2:1 Input Range DC/DC Converters
MI1500RW MPD-MI1500RW Datasheet
591Kb / 5P
Compact, 1 x 1 Inch 15W, 2:1 Input Range DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com