Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR30150R Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SBR30150R Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SBR30150R
Download  SBR30150R Download
File Size   392.63 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers

SBR30150R Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR30150R Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SBR30150R
Download  SBR30150R Click to download

File Size   392.63 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers

SBR30150R Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH




Similar Part No. - SBR30150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR30150R SECOS-SBR30150R Datasheet
396Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
398Kb / 2P
VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
271Kb / 2P
30 Amp Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF_11 Datasheet
271Kb / 2P
30 Amp Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF_15 Datasheet
271Kb / 2P
30 Amp Schottky Barrier Rectifiers
More results


Similar Description - SBR30150R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR3040R SECOS-SBR3040R Datasheet
439Kb / 2P
VOLTAGE 40V 30.0AMP Schottky Barrier Rectifiers
SBR30150RF SECOS-SBR30150RF Datasheet
398Kb / 2P
VOLTAGE 150V 30.0AMP Schottky Barrier Rectifiers
SBR30200R SECOS-SBR30200R Datasheet
388Kb / 2P
VOLTAGE 200V 30.0AMP Schottky Barrier Rectifiers
SP3020R SECOS-SP3020R Datasheet
287Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SP30150R SECOS-SP30150R Datasheet
232Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR3020R SECOS-SR3020R Datasheet
207Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SR30150R SECOS-SR30150R Datasheet
145Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3040RF SECOS-SBR3040RF_15 Datasheet
558Kb / 2P
30.0AMP Schottky Barrier Rectifiers
SBR3045RF SECOS-SBR3045RF_15 Datasheet
792Kb / 2P
30.0AMP Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com