Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU1117A Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SU1117A Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SU1117A
Download  SU1117A Download
File Size   621.68 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Adjustable or Fixed-Mode Regulator

SU1117A Datasheet (PDF)

Go To PDF Page Download Datasheet
SU1117A Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SU1117A
Download  SU1117A Click to download

File Size   621.68 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Adjustable or Fixed-Mode Regulator

SU1117A Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SU1117A Product details

Description
The SU1117A is a low dropout at positive adjustable or fixed-mode regulator with min. of 1A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. SU1117A is also well suited for other applications such as VGA cards. SU1117A is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well regulated outputs of 1.25 to 5 with 6.4V to 12V input supply.

Features
* 1.4V Max. Dropout Full Load Current
* 3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
* Output Current Limiting
* Good Noise Rejection
* Fast Transient Response
* Built-in Thermal Shutdown




Similar Part No. - SU1117A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SU11 MOSPEC-SU11 Datasheet
141Kb / 2P
POWER RECTIFIERS(1.0A,50-400V)
SU110 MOSPEC-SU110 Datasheet
149Kb / 2P
POWER RECTIFIERS(1.0A,500-1000V)
logo
TE Connectivity Ltd
SU11K0AL TEC-SU11K0AL Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU11K0AR TEC-SU11K0AR Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
SU11K0AT TEC-SU11K0AT Datasheet
143Kb / 2P
SMD Precision Current Sense Resistor
03-08
More results


Similar Description - SU1117A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
Adjustable or Fixed-Mode Regulator
SJ1117A SECOS-SJ1117A Datasheet
593Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1116 SECOS-SL1116 Datasheet
590Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A Datasheet
595Kb / 4P
Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
Adjustable or Fixed-Mode Regulator
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com