Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L74VHC1G125 Datasheet (PDF) - Leshan Radio Company

L74VHC1G125 Datasheet PDF - Leshan Radio Company
Part # L74VHC1G125
Download  L74VHC1G125 Download
File Size   558.93 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Noninverting 3−State Buffer

L74VHC1G125 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1G125 Datasheet PDF - Leshan Radio Company

Part # L74VHC1G125
Download  L74VHC1G125 Click to download

File Size   558.93 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Noninverting 3−State Buffer

L74VHC1G125 Datasheet (HTML) - Leshan Radio Company


L74VHC1G125 Product details

Noninverting 3−State Buffer

The L74VHC1G125 is an advanced high speed CMOS noninverting 3 state buffer fabricated with silicon gate noninverting 3 state buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffered 3-state output which provides high noise immunity and stable output.
The L74VHC1G125 input structure provides protection when voltages up to 7.0V are applied,regardless of the supply voltage. This allows the L74VHC1G125 to be used to interface 5.0V circuits to 3.0V circuits.

Features
• High Speed: tPD = 3.5 ns (Typ) at VCC = 5.0 V
• Low Power Dissipation: ICC = 1 A (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 58; Equivalent Gates = 15
• Pb−Free Packages are Available




Similar Part No. - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1G132 LRC-L74VHC1G132 Datasheet
179Kb / 6P
2?묲nput NAND Schmitt Trigger
L74VHC1G135 LRC-L74VHC1G135 Datasheet
221Kb / 6P
2-Input NANDSchmitt-Trigger with Open Drain Output
L74VHC1G14 LRC-L74VHC1G14 Datasheet
211Kb / 6P
Schmitt-Trigger Inverter
More results


Similar Description - L74VHC1G125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC1G125 ONSEMI-MC74VHC1G125 Datasheet
68Kb / 6P
Noninverting 3-State Buffer
September, 2004 ??Rev. 12
MC74VHC1G126 ONSEMI-MC74VHC1G126_11 Datasheet
123Kb / 6P
Noninverting 3-State Buffer
May, 2011 ??Rev. 15
NL17SH126 ONSEMI-NL17SH126 Datasheet
110Kb / 5P
Noninverting 3-State Buffer
August, 2011 ??Rev. 1
MC74VHC1G126 ONSEMI-MC74VHC1G126_15 Datasheet
131Kb / 6P
Noninverting 3-State Buffer
June, 2015 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_12 Datasheet
126Kb / 6P
Noninverting 3-State Buffer
December, 2012 ??Rev. 17
MC74VHC1G125 ONSEMI-MC74VHC1G125_18 Datasheet
194Kb / 16P
Noninverting 3-State Buffer
November, 2018 ??Rev. 18
MC74VHC1G126 ONSEMI-MC74VHC1G126_18 Datasheet
209Kb / 15P
Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1GT126 ONSEMI-MC74VHC1GT126_18 Datasheet
209Kb / 15P
Noninverting 3-State Buffer
November, 2018 ??Rev. 19
MC74VHC1G125 ONSEMI-MC74VHC1G125_V01 Datasheet
455Kb / 16P
Noninverting 3-State Buffer
April, 2022 ??Rev. 21
MC74VHC1G126 ONSEMI-MC74VHC1G126_V01 Datasheet
144Kb / 16P
Noninverting 3-State Buffer
April, 2022 ??Rev. 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com