Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L74VHC1GT05 Datasheet (PDF) - Leshan Radio Company

L74VHC1GT05 Datasheet PDF - Leshan Radio Company
Part # L74VHC1GT05
Download  L74VHC1GT05 Download
File Size   228.94 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Inverter with Open DrainOutput with LSTTL-Compatible Inputs

L74VHC1GT05 Datasheet (PDF)

Go To PDF Page Download Datasheet
L74VHC1GT05 Datasheet PDF - Leshan Radio Company

Part # L74VHC1GT05
Download  L74VHC1GT05 Click to download

File Size   228.94 Kbytes
Page   6 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Inverter with Open DrainOutput with LSTTL-Compatible Inputs

L74VHC1GT05 Datasheet (HTML) - Leshan Radio Company


L74VHC1GT05 Product details

The L74VHC1GT05 is an advanced high speed CMOS inverter with open drain output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including an open drain output which provides the ability to set output switching level. This allows the L74VHC1GT05 to be used to interface 5 V circuits to circuits of any voltage between V CC and 7 V using an external resistor and power supply.
The device input is compatible with TTL–type input thresholds and the output has a full 5.0 V CMOS level output swing. The input protection circuitry on this device allows overvoltage tolerance on the input, allowing the device to be used as a logic–level translator from 3.0 V CMOS logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while operating at the high–voltage power supply.
The L74VHC1GT05 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage. This allows the L74VHC1GT05 to be used to interface 5 V circuits to 3 V circuits. The output structures also provide protection when V CC = 0 V. These input and output structures help prevent device destruction caused by supply voltage – input/output voltage mismatch, battery backup, hot insertion, etc.

• High Speed: t PD = 3.8 ns (Typ) at V CC = 5 V
• Low Internal Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FET = 105; Equivalent Gate = 26




Similar Part No. - L74VHC1GT05

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L74VHC1GT00 LRC-L74VHC1GT00 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT1 LRC-L74VHC1GT00DFT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DFT4 LRC-L74VHC1GT00DFT4 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT1 LRC-L74VHC1GT00DTT1 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT00DTT3 LRC-L74VHC1GT00DTT3 Datasheet
377Kb / 6P
2-Input NAND Gate / CMOS Logic Level Shifter with LSTTL-Compatible Inputs
More results


Similar Description - L74VHC1GT05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Leshan Radio Company
L74VHC1GT01 LRC-L74VHC1GT01 Datasheet
252Kb / 6P
2-Input NAND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT03 LRC-L74VHC1GT03 Datasheet
215Kb / 6P
2-Input NOR Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT09 LRC-L74VHC1GT09 Datasheet
198Kb / 6P
2-Input AND Gate with Open Drain Output with LSTTL-Compatible Inputs
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com