Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3808A Datasheet (PDF) - ON Semiconductor

ADP3808A Datasheet PDF - ON Semiconductor
Part # ADP3808A
Download  ADP3808A Download
File Size   210.06 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Efficiency Switch Mode Li-Ion Battery Charger

ADP3808A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3808A Datasheet PDF - ON Semiconductor

Part # ADP3808A
Download  ADP3808A Click to download

File Size   210.06 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description High Efficiency Switch Mode Li-Ion Battery Charger

ADP3808A Datasheet (HTML) - ON Semiconductor


ADP3808A Product details

High Efficiency Switch Mode Li-Ion Battery Charger



The ADP3808A is a complete Li-Ion battery charging controller for 3−or 4−cell battery packs. The device combines accurate final battery charge voltage control with constant current control to simplify the implementation of constant-current, constant-voltage (CCCV) chargers.

The final battery charge voltage is programmable between 4.0 V to 4.5 V per cell, allowing the charging of various cell types. The charge current is programmable over a wide range from trickle charging to full charging. The system current sense amplifier includes an ac adapter detection output to signal that the adapter is connected. The bootstrapped synchronous driver controls two N−channel MOSFET transistors for high efficiency charging at a low system cost. The ADP3808A is specified over the extended commercial temperature range of 0°C to 100°C and is available in a 24−lead LFCSP package.



Features

•Selectable 3−Cell or 4−Cell Operation

•Adjustable 4.0 V to 4.5 V Per Cell

•High End-of-Charge Voltage Accuracy

  ♦±0.4% @ 25°C

  ♦±0.6% @ 5°C to 55°C

  ♦±0.8% @ 0°C to 100°C

•Programmable Charge Current, Including Trickle Charge

•Bootstrapped Synchronous Drive for External N−Channel MOSFETs

•Programmable Oscillator Frequency

•This is a Pb−Free Device



Applications

•Portable Computers

•Portable Equipment




Similar Part No. - ADP3808A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
ADP3808JCPZ AD-ADP3808JCPZ Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
ADP3808JCPZ-RL AD-ADP3808JCPZ-RL Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
More results


Similar Description - ADP3808A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3804 AD-ADP3804 Datasheet
89Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
ADP3806 AD-ADP3806 Datasheet
274Kb / 16P
High-Frequency Switch Mode Li-Ion Battery Charger
2/04-Data Sheet changed from REV. A to REV. B.
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
logo
Analog Devices
ADP3808 AD-ADP3808 Datasheet
414Kb / 16P
High Efficiency Switch Mode Li-Ion Battery Charger
6/07-Revision 0
logo
Eutech Microelectronics...
EUP8202 EUTECH-EUP8202 Datasheet
553Kb / 21P
Switch Mode Li-Ion/Polymer Battery Charger
EUP8207-4.2 EUTECH-EUP8207-4.2 Datasheet
131Kb / 2P
Switch Mode Li-Ion/Polymer Battery Charger
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Analog Devices
ADP3804 AD-ADP3804_15 Datasheet
88Kb / 7P
High Frequency Switch Mode Li-Ion Battery Charger
REV. PrI 12/5/00
logo
Feeling Technology Corp...
FP8202 FEELING-FP8202 Datasheet
653Kb / 16P
2A Switch-Mode Li-Ion Battery Charger
logo
Shenzhen Huazhimei Semi...
HM4066 HMSEMI-HM4066 Datasheet
1Mb / 19P
Switch Mode Li-Ion/Polymer Battery Charger
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com