Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-30585 Datasheet (PDF) - ON Semiconductor

AMIS-30585 Datasheet PDF - ON Semiconductor
Part # AMIS-30585
Download  AMIS-30585 Download
File Size   320.17 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description S-FSK PLC Modem

AMIS-30585 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMIS-30585 Datasheet PDF - ON Semiconductor

Part # AMIS-30585
Download  AMIS-30585 Click to download

File Size   320.17 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description S-FSK PLC Modem

AMIS-30585 Datasheet (HTML) - ON Semiconductor


AMIS-30585 Product details

General Description
The AMIS-30585 is a half duplex S-FSK modem and is dedicated for the data transmission on low- or medium-voltage power lines.
The device offers complete handling of the protocol layers from the physical up to the MAC. AMIS-30585 complies with the EN 50065 CENELEC, IEC 1334-4-32 and the IEC 1334-5-1 standards.
It operates from a single 3.3V power supply and is interfaced to the power line by an external power driver and transformer. An internal PLL is locked to the mains frequency (50Hz or 60Hz) and is used to synchronize the data transmission at data rates of 300, 600 and 1200 baud for a 50Hz mains frequency, corresponding to 3.6 or 12 data bits per half cycle of the mains frequency (50Hz or 60Hz).

Features
• Complies with IEC 1334-5-1 and IEC 1334-4-32
• Suited for 50Hz or 60Hz mains
• Complete modem for data communication on power line
• S-FSK modulation
• Programmable carrier in the range of 9kHz to 95kHz
• Half duplex up to 1440 bit/s
• Supports chorus transmission
• Programmable configuration
• Internal ARM microprocessor
• Serial communication interface (SCI) port
• Low power, 3V operation

Applications
• IEC1334Utility PLC modem
• Remote meter reading
• Utility load controls




Similar Part No. - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
S-FSK PLC Modem
More results


Similar Description - AMIS-30585

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM3105DWE TI-TCM3105DWE Datasheet
342Kb / 11P
FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
1200 Baud FSK Modem
logo
NXP Semiconductors
NE5081 PHILIPS-NE5081 Datasheet
445Kb / 3P
HIGH-SPEED FSK MODEM RECEIVER
August 31 1994
logo
Motorola, Inc
MC145450 MOTOROLA-MC145450 Datasheet
291Kb / 6P
CMOS 1200 BAUD FSK MODEM
logo
Advanced Micro Devices
AM7911 AMD-AM7911 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
logo
Exar Corporation
XR-2103 EXAR-XR-2103 Datasheet
362Kb / 6P
FSK Modem Filter
logo
AMI SEMICONDUCTOR
AMIS-30585 AMI-AMIS-30585 Datasheet
501Kb / 11P
S-FSK PLC Modem
logo
Texas Instruments
TCM3105DWL TI-TCM3105DWL Datasheet
246Kb / 12P
FSK MODEM
logo
Renesas Technology Corp
R9A06G037 RENESAS-R9A06G037 Datasheet
800Kb / 30P
PLC Modem LSI
Dec 16, 2020
R9A06G061 RENESAS-R9A06G061 Datasheet
955Kb / 25P
PLC Modem LSI
October 21, 2021
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com