Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EIC1010A-8 Datasheet (PDF) - Excelics Semiconductor, Inc.

EIC1010A-8 Datasheet PDF - Excelics Semiconductor, Inc.
Part # EIC1010A-8
Download  EIC1010A-8 Download
File Size   159.94 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 10.00-10.25 GHz 8-Watt Internally Matched Power FET

EIC1010A-8 Datasheet (PDF)

Go To PDF Page Download Datasheet
EIC1010A-8 Datasheet PDF - Excelics Semiconductor, Inc.

Part # EIC1010A-8
Download  EIC1010A-8 Click to download

File Size   159.94 Kbytes
Page   4 Pages
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.
Description 10.00-10.25 GHz 8-Watt Internally Matched Power FET

EIC1010A-8 Datasheet (HTML) - Excelics Semiconductor, Inc.


EIC1010A-8 Product details

FEATURES

• 10.00– 10.25GHz Bandwidth

• Input/Output Impedance Matched to 50 Ohms

• +39.0 dBm Output Power at 1dB Compression

• 7.0 dB Power Gain at 1dB Compression

• 31% Power Added Efficiency

• -46 dBc IM3 at Po = 28 dBm SCL

• Hermetic Metal Flange Package

• 100% Tested for DC, RF, and RTH




Similar Part No. - EIC1010A-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC1010A-12 EXCELICS-EIC1010A-12 Datasheet
91Kb / 2P
10.0-10.25 GHz 12-Watt Internally Matched Power FET
EIC1010A-20 EXCELICS-EIC1010A-20 Datasheet
93Kb / 2P
10.00-10.25 GHz 20-Watt Internally Matched Power FET
More results


Similar Description - EIC1010A-8

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EIC0910A-8 EXCELICS-EIC0910A-8 Datasheet
125Kb / 2P
9.20-10.00 GHz 8-Watt Internally Matched Power FET
EIC1010-8 EXCELICS-EIC1010-8 Datasheet
92Kb / 1P
10.00-10.70 GHz 8-Watt Internally Matched Power FET
EIC1010A-12 EXCELICS-EIC1010A-12 Datasheet
91Kb / 2P
10.0-10.25 GHz 12-Watt Internally Matched Power FET
EIC1010A-20 EXCELICS-EIC1010A-20 Datasheet
93Kb / 2P
10.00-10.25 GHz 20-Watt Internally Matched Power FET
EIC1112-8 EXCELICS-EIC1112-8 Datasheet
90Kb / 2P
11.7-12.7 GHz 8-Watt Internally Matched Power FET
EID1112A1-8 EXCELICS-EID1112A1-8 Datasheet
91Kb / 2P
11.70-12.70 GHz 8-Watt Internally Matched Power FET
EID1314A1-8 EXCELICS-EID1314A1-8 Datasheet
170Kb / 4P
13.75-14.50 GHz 8-Watt Internally-Matched Power FET
EID1414A1-8 EXCELICS-EID1414A1-8 Datasheet
170Kb / 4P
14.00-14.50 GHz 8-Watt Internally-Matched Power FET
EIC1010-25 EXCELICS-EIC1010-25 Datasheet
142Kb / 4P
10.0-10.25 GHz 25-Watt Internally Matched Power FET
EIC1314-8 EXCELICS-EIC1314-8 Datasheet
216Kb / 4P
13.75-14.5 GHz 8-Watt Internally Matched Power FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com