Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7801 Datasheet (PDF) - Sonardyne sound in depth

7801 Datasheet PDF - Sonardyne sound in depth
Part # 7801
Download  7801 Download
File Size   86.77 Kbytes
Page   2 Pages
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth
Description Compatt Mk4 EHF (Discontinued)

7801 Datasheet (PDF)

Go To PDF Page Download Datasheet
7801 Datasheet PDF - Sonardyne sound in depth

Part # 7801
Download  7801 Click to download

File Size   86.77 Kbytes
Page   2 Pages
Manufacturer  SONARDYNE [Sonardyne sound in depth]
Direct Link  http://www.sonardyne.com
Logo SONARDYNE - Sonardyne sound in depth
Description Compatt Mk4 EHF (Discontinued)

7801 Datasheet (HTML) - Sonardyne sound in depth


7801 Product details

Description

The COMPuting and Telemetering Transponder (Compatt) is a microcomputer controlled subsea transponder used for acoustic navigation and positioning. The EHF system is suitable to a wide range of tasks such as underwater measurement, remote control and monitoring.



Key Features

• Sequential mode operation with twelve individual channel frequencies

• Simultaneous receiver card for high speed positional updates fitted as standard

• Unique addresses allow up to 768 Compatts to be used in close proximity

• Programmable address codes

• Conventional Enable and Disable commands for normal transponder operation

• Advanced telemetry facility replies to all commands with Compatt address, confirmation of command executed and error-checking

• Direct measurement of baselines between Compatts greatly improves array calibration accuracy

• Baseline measurement 20 mm

• Temperature and depth measurements allow sea-bed sound velocity evaluation

• Battery check records remaining battery capacity and time since last charge

• Remote status Monitory

• Cycle mode permits up to eight preset commands to be executed on receipt of one command

• Internal tilt sensor ±45°

• Battery count auto-disable at 90% battery pack usage.



 




Similar Part No. - 7801

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
7801-301XC MSK-7801-301XC Datasheet
289Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER AMP
logo
Anaren Microwave
7801-301XC ANAREN-7801-301XC Datasheet
135Kb / 5P
HIGH SPEED, BUFFER AMPLIFIER
logo
Aavid, Thermal Division...
78010 AAVID-78010 Datasheet
459Kb / 2P
Natural Convection: 1.89 based on 70 C temp rise above ambient
November 2016 A02
logo
Presto International UK...
78010 PRESTO-78010 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
Wixroyd Group Ltd
78010 WIXROYD-78010 Datasheet
206Kb / 1P
aluminium, front mounting
More results


Similar Description - 7801

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7800 SONARDYNE-7800 Datasheet
86Kb / 2P
Compatt Mk4 MF (Discontinued)
7802 SONARDYNE-7802 Datasheet
81Kb / 2P
Compatt Mk4 LF
7806 SONARDYNE-7806 Datasheet
94Kb / 2P
Compatt Mk4 MF Directional (Discontinued)
7807 SONARDYNE-7807 Datasheet
99Kb / 2P
RovNav Mk4 LBL Transceiver (Discontinued)
8045 SONARDYNE-8045 Datasheet
95Kb / 2P
Compatt 5 Wideband Transponder - Heavy Load
8049 SONARDYNE-8049 Datasheet
87Kb / 2P
Compatt 5 Back Deck Test PDA
logo
PHOENIX CONTACT
CRIMPFOX-UD-10-4 PHOENIX-CRIMPFOX-UD-10-4 Datasheet
77Kb / 2P
Discontinued item
CRIMPFOX-ZA-6-3 PHOENIX-CRIMPFOX-ZA-6-3 Datasheet
75Kb / 2P
Discontinued item
logo
C&K Components
CCM01MK4 CK-COMPONENTS-CCM01MK4 Datasheet
192Kb / 2P
CCM01 MK4 Series
16 Nov 18
CCM04MK4 CK-COMPONENTS-CCM04MK4_V01 Datasheet
611Kb / 5P
CCM04 MK4 Series
11 Nov 19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com