Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDC10-12S33 Datasheet (PDF) - Power Mate Technology Co., LTD

FDC10-12S33 Datasheet PDF - Power Mate Technology Co., LTD
Part # FDC10-12S33
Download  FDC10-12S33 Download
File Size   341.25 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 10 WATTS OUTPUT POWER

FDC10-12S33 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC10-12S33 Datasheet PDF - Power Mate Technology Co., LTD

Part # FDC10-12S33
Download  FDC10-12S33 Click to download

File Size   341.25 Kbytes
Page   3 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description 10 WATTS OUTPUT POWER

FDC10-12S33 Datasheet (HTML) - Power Mate Technology Co., LTD


FDC10-12S33 Product details

The FDC10 and FDC10-W series offer 10 watts of output power from a 2 x 1 x 0.4 inch package. FDC10 series have 2 : 1 wide input voltage of 9-18, 18-36 and 36-75VDC.
FDC10-W series have 4:1 ultra wide input voltage of 9-36 and 18-75VDC. The FDC10 and FDC10-W features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six sided shielding. The safety approval of EN60950 and UL1950. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications. According the extended operation temperature range, there are “M1” and “M2” version for special application.

• 10 WATTS OUTPUT POWER
• 2:1 AND 4:1 WIDE INPUT VOLTAGE RANGE
• INTERNATIONAL SAFETY STANDARD APPROVAL
• SIX-SIDED CONTINUOUS SHIELD
• HIGH EFFICIENCY UP TO 86%
• STANDARD 2” X 1” X 0.4” PACKAGE
• FIXED SWITCHING FREQUENCY




Similar Part No. - FDC10-12S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10-12S33 ETC1-FDC10-12S33 Datasheet
98Kb / 2P
10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Astrodyne Corporation
FDC10-12S33 ASTRODYNE-FDC10-12S33 Datasheet
369Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FDC10-12S33 P-DUKE-FDC10-12S33 Datasheet
425Kb / 3P
10 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FDC10-12S33 ASTRODYNE-FDC10-12S33 Datasheet
206Kb / 3P
Isolated and Regulated 10 WATT Modular DC/DC Converters
More results


Similar Description - FDC10-12S33

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA10B ETC-AA10B Datasheet
52Kb / 2P
10 Watts(NEW 3.3V Output)
logo
Power Mate Technology C...
FDC15-24S05 P-DUKE-FDC15-24S05 Datasheet
241Kb / 3P
15 WATTS OUTPUT POWER
FDC20-12S33 P-DUKE-FDC20-12S33 Datasheet
278Kb / 3P
20 WATTS OUTPUT POWER
FED30-12S1P5 P-DUKE-FED30-12S1P5 Datasheet
325Kb / 3P
30 WATTS OUTPUT POWER
FKC05-12S33 P-DUKE-FKC05-12S33 Datasheet
234Kb / 3P
5 WATTS OUTPUT POWER
FKC08-24S3P3W P-DUKE-FKC08-24S3P3W Datasheet
302Kb / 3P
8 WATTS OUTPUT POWER
FKC12-12S2P5 P-DUKE-FKC12-12S2P5 Datasheet
273Kb / 3P
12 WATTS OUTPUT POWER
FKC12-24S3P3W P-DUKE-FKC12-24S3P3W Datasheet
276Kb / 3P
12 WATTS OUTPUT POWER
logo
Qualtek Electronics Cor...
QFWB-10 QUALTEK-QFWB-10 Datasheet
286Kb / 2P
10 Watts Single Output Wall Mount
logo
Wall Industries,Inc.
JRW WALL-JRW_16 Datasheet
423Kb / 5P
10 Watts Maximum Output Power
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com