Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A701 Datasheet (PDF) - ADDtek Corp

A701 Datasheet PDF - ADDtek Corp
Part # A701
Download  A701 Download
File Size   118.55 Kbytes
Page   1 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER

A701 Datasheet (PDF)

Go To PDF Page Download Datasheet
A701 Datasheet PDF - ADDtek Corp

Part # A701
Download  A701 Click to download

File Size   118.55 Kbytes
Page   1 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description 6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER

A701 Datasheet (HTML) - ADDtek Corp


A701 Product details

DESCRIPTION
A701/2 are adjustable constant current drivers for LED applications. Six regulated current ports are designed to provide uniform and pure DC constant current sinks for driving LEDs within a large range VF variation.

FEATURES
■ 6 constant-current output channels
■ Output current deviations: ±3% between channels, ±7% between ICs.
■ Output current programmable through external resistor.
■ Constant output current range: 5mA~40mA
■ Wide supply voltage range: 6V~50V (A702)
■ 75V output sustaining voltage
■ 1uA Shut-down current
■ 2 kinds of control logic for Output Enable pin

APPLICATIONS
■ Automotive Interior Lighting
■ Channel Letter, Indoor Lighting
■ LED Backlight Driver for MP3, MP4, Mobile Phone, Portable DVD, NB, and LCD TV.




Similar Part No. - A701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A701 ETC-A701 Datasheet
217Kb / 10P
A701: Test slide, various cancers plus corresponding normal
More results


Similar Description - A701

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
Four Channels Constant Current LED Driver
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
Four Channels Constant Current LED Driver
logo
ON Semiconductor
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com