Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L816 Datasheet (PDF) - Superworld Electronics

L816 Datasheet PDF - Superworld Electronics
Part # L816
Download  L816 Download
File Size   605.03 Kbytes
Page   10 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description HIGH CURRENT MOLDED POWER INDUCTORS

L816 Datasheet (PDF)

Go To PDF Page Download Datasheet
L816 Datasheet PDF - Superworld Electronics

Part # L816
Download  L816 Click to download

File Size   605.03 Kbytes
Page   10 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description HIGH CURRENT MOLDED POWER INDUCTORS

L816 Datasheet (HTML) - Superworld Electronics


L816 Product details

FEATURES :
a) Shielded Construction
b) Frequency up to 5MHz

GENERAL SPECIFICATION :
    a) Test Freq. : Q : 100KHz/1.0VDC
    b) Ambient Temp. : 20°C
    c) Operating Temp. : -55°C to +125°C
    d) Storage Temp. : -15°C to +40°C
    e) Humidity Range : 50 ~ 60% RH
    f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately ǻT=40°C without core loss.
    g) Saturation Current (Isat) : Will cause L to drop approximately 20% typ.
    h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.






Similar Part No. - L816

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L8160 ETC1-L8160 Datasheet
30Kb / 1P
Diagonal cutters oval
L816BGD ETC-L816BGD Datasheet
117Kb / 5P
10MM BLINKING LED LAMPS
L816BID ETC-L816BID Datasheet
117Kb / 5P
10MM BLINKING LED LAMPS
L816BSRB ETC-L816BSRB Datasheet
117Kb / 5P
10MM BLINKING LED LAMPS
L816BSRC ETC-L816BSRC Datasheet
117Kb / 5P
10MM BLINKING LED LAMPS
More results


Similar Description - L816

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
L812HW SUPERWORLD-L812HW Datasheet
576Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L813PW SUPERWORLD-L813PW Datasheet
500Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L816PW SUPERWORLD-L816PW Datasheet
365Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L817PW SUPERWORLD-L817PW Datasheet
371Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L822HW SUPERWORLD-L822HW Datasheet
365Kb / 9P
HIGH CURRENT MOLDED POWER INDUCTORS
L825HW SUPERWORLD-L825HW Datasheet
303Kb / 7P
HIGH CURRENT MOLDED POWER INDUCTORS
SWDY0806-NC SUPERWORLD-SWDY0806-NC Datasheet
150Kb / 3P
HIGH CURRENT MOLDED POWER INDUCTORS
logo
Central Technologies
CTIHSM5832F CT-CTIHSM5832F Datasheet
170Kb / 1P
Power Inductors - Molded High Current
logo
Superworld Electronics
L810HW SUPERWORLD-L810HW_10 Datasheet
537Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
L811HW SUPERWORLD-L811HW_10 Datasheet
586Kb / 10P
HIGH CURRENT MOLDED POWER INDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com