Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1704 Datasheet (PDF) - Superworld Electronics

PDB1704 Datasheet PDF - Superworld Electronics
Part # PDB1704
Download  PDB1704 Download
File Size   406.02 Kbytes
Page   5 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description POWER TRANSFORMER

PDB1704 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDB1704 Datasheet PDF - Superworld Electronics

Part # PDB1704
Download  PDB1704 Click to download

File Size   406.02 Kbytes
Page   5 Pages
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics
Description POWER TRANSFORMER

PDB1704 Datasheet (HTML) - Superworld Electronics


PDB1704 Product details

GENERAL SPECIFICATION :

a) Temp. rise : 40°C Max. at Irms
b) ǻL/L0A = 10% Max. at Isat
c) Storage temp. : -40°C to +125°C
d) Operating temp. : -40°C to +85°C
e) Resistance to solder heat : 260°C.10 secs




Similar Part No. - PDB1704

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PDB1003 SUPERWORLD-PDB1003 Datasheet
484Kb / 6P
SMD POWER INDUCTORS
PDB1003100MZF SUPERWORLD-PDB1003100MZF Datasheet
484Kb / 6P
SMD POWER INDUCTORS
PDB1003101MZF SUPERWORLD-PDB1003101MZF Datasheet
484Kb / 6P
SMD POWER INDUCTORS
PDB1003102MZF SUPERWORLD-PDB1003102MZF Datasheet
484Kb / 6P
SMD POWER INDUCTORS
PDB1003150MZF SUPERWORLD-PDB1003150MZF Datasheet
484Kb / 6P
SMD POWER INDUCTORS
More results


Similar Description - PDB1704

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
POWER TRANSFORMER POWER TRANSFORMER
logo
List of Unclassifed Man...
F-193U ETC2-F-193U Datasheet
52Kb / 1P
POWER TRANSFORMER
F-229X ETC2-F-229X Datasheet
50Kb / 1P
POWER TRANSFORMER
logo
Superworld Electronics
12A-2.5-12 SUPERWORLD-12A-2.5-12 Datasheet
122Kb / 1P
POWER TRANSFORMER
12A-2.5-20 SUPERWORLD-12A-2.5-20 Datasheet
111Kb / 1P
POWER TRANSFORMER
DCS3-28 SUPERWORLD-DCS3-28 Datasheet
120Kb / 1P
POWER TRANSFORMER
logo
XFMRS Inc.
XF0056-EE5S XFMRS-XF0056-EE5S Datasheet
39Kb / 1P
POWER TRANSFORMER
logo
Hammond Manufacturing L...
269EX HAMMOND-269EX Datasheet
215Kb / 1P
POWER TRANSFORMER
382X HAMMOND-382X Datasheet
307Kb / 1P
POWER TRANSFORMER
291AX HAMMOND-291AX Datasheet
243Kb / 1P
power transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com