Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGC-4F Datasheet (PDF) - American Zettler, Inc.

SGC-4F Datasheet PDF - American Zettler, Inc.
Part # SGC-4F
Download  SGC-4F Download
File Size   73.14 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SOLID STATE RELAY 2 AMP 250 VAC

SGC-4F Datasheet (PDF)

Go To PDF Page Download Datasheet
SGC-4F Datasheet PDF - American Zettler, Inc.

Part # SGC-4F
Download  SGC-4F Click to download

File Size   73.14 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description SOLID STATE RELAY 2 AMP 250 VAC

SGC-4F Datasheet (HTML) - American Zettler, Inc.


SGC-4F Product details

FEATURES
• Photo isolation
• 600V blocking voltage
• Both “Zero Voltage” and phase controllable “Random” Switching versions
• High surge capability
• PCB mount
• UL, CUR file E43203




Similar Part No. - SGC-4F

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
284Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4363 SIRENZA-SGC-4363_1 Datasheet
284Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
256Kb / 5P
50-4000 MHz Active Bias Silicon Germanium Cascadable Gain Block
More results


Similar Description - SGC-4F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1503AB VISHAY-LH1503AB Datasheet
58Kb / 5P
2 Form A Solid State Relay
06-March-02
logo
Solid State Optronic
AD42211 SSOUSA-AD42211 Datasheet
175Kb / 4P
2 Form A Solid State Relay
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC Datasheet
190Kb / 9P
2 Form A Solid State Relay
26-Oct-04
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1503AAC VISHAY-LH1503AAC_11 Datasheet
156Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
LH1513AAC VISHAY-LH1513AAC_11 Datasheet
157Kb / 7P
2 Form A Solid-State Relay
25-Jul-11
logo
Picker Components
PCS4 PICKER-PCS4 Datasheet
280Kb / 2P
2 Amp Solid State Relay
PCS4 PICKER-PCS4_17 Datasheet
2Mb / 2P
2 Amp Solid State Relay
PCS20 PICKER-PCS20_17 Datasheet
2Mb / 2P
1.5 Amp Solid State Relay
logo
Willow Technologies Ltd
3PAK220 WILLOW-3PAK220 Datasheet
188Kb / 3P
1.1A, 250 Vac, 3-Phase Solid-State Relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com