Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME41AEHA Datasheet (PDF) - Analog Microelectronics

AME41AEHA Datasheet PDF - Analog Microelectronics
Part # AME41AEHA
Download  AME41AEHA Download
File Size   187.76 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Shunt Bandgap Voltage Reference

AME41AEHA Datasheet (PDF)

Go To PDF Page Download Datasheet
AME41AEHA Datasheet PDF - Analog Microelectronics

Part # AME41AEHA
Download  AME41AEHA Click to download

File Size   187.76 Kbytes
Page   14 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Shunt Bandgap Voltage Reference

AME41AEHA Datasheet (HTML) - Analog Microelectronics


AME41AEHA Product details

General Description
The AME41-1.2 is a micropower 2-terminal band-gap voltage regulator diode. It operates over a 30mA to 20mA current range. Each circuit is trimmed at wafer sort to provide a ±0.50% initial tolerance. The design of the AME41-1.2 allows for a large range of load capacitances and operating currents. The low start-up current makes these parts ideal for battery applications.
AME offers this part in a TO-92 and SOP-8 packages as well as the space saving SOT-23.

Features
● Small Packages: SOT-23, TO-92, SOP-8
● Tolerates Capacitive Loads
● Fixed Reverse Breakdown Voltage of 1.25V
● Tight Voltage Tolerance ------- ±0.5%
● Wide Operating Current ------- 30mA to 20mA
● Wide Temperature Range ----- -40oC to +85oC
● Low Temperature Coefficient --100ppm/°C(max)
● Excellent Transient Response
● All AMEs Lead Free Products Meet RoHS Standards

Applications
● Portable Electronics
● Power Supplies
● Computer Peripherals
● Data Acquisition Systems
● Battery Chargers
● Consumer Electronics




Similar Part No. - AME41AEHA

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41AEHA AME-AME41AEHA Datasheet
70Kb / 8P
Micropower Voltage Reference Diode
More results


Similar Description - AME41AEHA

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM4040 CALOGIC-CLM4040 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
CLM4041 CALOGIC-CLM4041 Datasheet
32Kb / 3P
Precision Micropower Bandgap Shunt Reference
logo
Linear Technology
LT1029 LINER-LT1029 Datasheet
193Kb / 4P
5V Bandgap Reference
logo
Analog Microelectronics
AME40 AME-AME40_1 Datasheet
181Kb / 14P
Shunt Bandgap Voltage Reference
AME41-ADJ AME-AME41-ADJ_1 Datasheet
164Kb / 12P
Shunt Bandgap Voltage Reference
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
Shunt Bandgap Voltage Reference
AME385-2.5 AME-AME385-2.5_1 Datasheet
171Kb / 14P
Shunt Bandgap Voltage Reference
AME4041 AME-AME4041 Datasheet
91Kb / 9P
Shunt Bandgap Voltage Reference
logo
Linear Technology
LT1029 LINER-LT1029_15 Datasheet
81Kb / 4P
5V Bandgap Reference
LT1029A LINER-LT1029A_15 Datasheet
81Kb / 4P
5V Bandgap Reference
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com