Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8819 Datasheet (PDF) - Analog Microelectronics

AME8819 Datasheet PDF - Analog Microelectronics
Part # AME8819
Download  AME8819 Download
File Size   239.65 Kbytes
Page   20 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Low Dropout 600mA CMOS Regulator

AME8819 Datasheet (PDF)

Go To PDF Page Download Datasheet
AME8819 Datasheet PDF - Analog Microelectronics

Part # AME8819
Download  AME8819 Click to download

File Size   239.65 Kbytes
Page   20 Pages
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics
Description Low Dropout 600mA CMOS Regulator

AME8819 Datasheet (HTML) - Analog Microelectronics


AME8819 Product details

General Description

The AME8819 is a CMOS linear regulator. It operated from 2.5V to 5.5V input voltage and delivers up to 600mA output current. The AME8819 provide low quiescent current (70uA typ) low dropout voltage (Vout=3.3V, 540mV @ 600mA typ), and excellent PSRR, thus marking them ideal for Data-Communications and battery applications. The AME8819 provide over temperature and over current protected functions. It is stable with an output capacitance of 2.2uF or larger.



Features

Input voltage range is from 2.8V to 5.5V

Output voltage range is from 1.8V to 4.5V

Low Dropout: 540mV @ 600mA, VOUT = 3.3V

Guaranteed 600mA Drive Current

Factory Pre-set output voltage

Only 2.2mF Output Capacitor Required for Stability (Low ESR MLCC is allowable)

Provided OTP, current limit

All AME’s Green Products Meet RoHS Standards



Applications

Data-Communication

Laptop, Palmtops, Notebook computers

Battery Power Equipment

Handheld Device

PCMCIA Cards




Similar Part No. - AME8819

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8819AEEA120Z AME-AME8819AEEA120Z Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
AME8819AEEA150Z AME-AME8819AEEA150Z Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
AME8819AEEA180Z AME-AME8819AEEA180Z Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
AME8819AEEA250Z AME-AME8819AEEA250Z Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
AME8819AEET120Z AME-AME8819AEET120Z Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
More results


Similar Description - AME8819

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Monolithic Sys...
AMS2906 ADMOS-AMS2906_05 Datasheet
67Kb / 8P
600mA LOW DROPOUT VOLTAGE REGULATOR
logo
Richtek Technology Corp...
RT9187C RICHTEK-RT9187C Datasheet
175Kb / 8P
600mA, Ultra-Low Dropout, CMOS Regulator
logo
Analog Microelectronics
AME8819 AME-AME8819_12 Datasheet
259Kb / 22P
Low Dropout 600mA CMOS Regulator
logo
First Components Intern...
FC2116 FCI-FC2116 Datasheet
147Kb / 3P
600mA Low Dropout CMOS Positive Voltage Regulator
More results




About Analog Microelectronics


Analog Microelectronics is a semiconductor company that designs and manufactures integrated circuits (ICs) for a wide range of applications. The company was founded in 1993 and is headquartered in Mainz, Germany.

Analog Microelectronics' product portfolio includes sensors, sensor interfaces, and signal conditioning ICs. These products are used in a variety of applications, including automotive, industrial, medical, and consumer electronics.

Analog Microelectronics is known for its expertise in sensor technology and signal conditioning, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Analog Microelectronics also offers custom design and engineering services to meet the specific needs of its customers.

Analog Microelectronics has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable IC solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com