Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2564 Datasheet (PDF) - KR Electronics, Inc.

2564 Datasheet PDF - KR Electronics, Inc.
Part # 2564
Download  2564 Download
File Size   196.36 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Bandpass Filter

2564 Datasheet (PDF)

Go To PDF Page Download Datasheet
2564 Datasheet PDF - KR Electronics, Inc.

Part # 2564
Download  2564 Click to download

File Size   196.36 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Bandpass Filter

2564 Datasheet (HTML) - KR Electronics, Inc.


2564 Product details

General Description

KR 2564 is a 40 MHz surface mount bandpass filter. Other center frequencies and bandwidths available. Please consult the factory.



Features Features

• Surface Mount Package

• Sharp Transition to Stopband

• >50 dB Stopband

• 50 Ω Source and Load




Similar Part No. - 2564

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2564 ADAFRUIT-2564 Datasheet
126Kb / 2P
NinjaFlex - 1.75mm Diameter - Violet Grape - .50 Kg
logo
List of Unclassifed Man...
25640401RP2 ETC2-25640401RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640601RP2 ETC2-25640601RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25640801RP2 ETC2-25640801RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
25641001RP2 ETC2-25641001RP2 Datasheet
72Kb / 2P
DESCRIPTION 2MM DUAL ROW RECEPTACLE
More results


Similar Description - 2564

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com