Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2605 Datasheet (PDF) - KR Electronics, Inc.

2605 Datasheet PDF - KR Electronics, Inc.
Part # 2605
Download  2605 Download
File Size   47.86 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Lowpass Filter

2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
2605 Datasheet PDF - KR Electronics, Inc.

Part # 2605
Download  2605 Click to download

File Size   47.86 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Lowpass Filter

2605 Datasheet (HTML) - KR Electronics, Inc.


2605 Product details

General Description

KR 2605 is a 6 MHz lowpass filter suitable for video applications. Other bandwidths available. Please consult the factory.



Features

• Elliptic Lowpass

• Sharp Transition to Stopband

• Group Delay Equalization

• >50 dB Stopband

• 75 Ω Source and Load



 




Similar Part No. - 2605

ManufacturerPart #DatasheetDescription
logo
Heyco.
2605 HEYCO-2605 Datasheet
89Kb / 1P
Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
List of Unclassifed Man...
26050 ETC2-26050 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
Wiha Tools
26050 WIHA-26050 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
logo
Integrated Technology F...
260501B ITF-260501B Datasheet
209Kb / 5P
SAW Bandpass Filter
2006-06-21
logo
Wurth Elektronik GmbH &...
2605031141000 WURTH-2605031141000 Datasheet
423Kb / 6P
WIRL-PRO4 Radio module 434MHz
001.053
More results


Similar Description - 2605

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
2306 KR-2306 Datasheet
20Kb / 1P
Lowpass Filter
2351 KR-2351 Datasheet
13Kb / 1P
Lowpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com