Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1D Datasheet (PDF) - SynSemi, Inc.

SR1D Datasheet PDF - SynSemi, Inc.
Part # SR1D
Download  SR1D Download
File Size   40.79 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SURFACE MOUNT FAST RECOVERY RECTIFIERS

SR1D Datasheet (PDF)

Go To PDF Page Download Datasheet
SR1D Datasheet PDF - SynSemi, Inc.

Part # SR1D
Download  SR1D Click to download

File Size   40.79 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SURFACE MOUNT FAST RECOVERY RECTIFIERS

SR1D Datasheet (HTML) - SynSemi, Inc.


SR1D Product details

SURFACE MOUNT FAST RECOVERY RECTIFIERS

PRV : 50 - 1000 Volts

Io : 1.0 Ampere



FEATURES :

* High current capability

* High surge current capability

* High reliability

* Low reverse current

* Low forward voltage drop

* Fast switching for high efficiency

*  Pb/ RoHS Free




Similar Part No. - SR1D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR1D EIC-SR1D Datasheet
48Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
SR1D GOOD-ARK-SR1D Datasheet
154Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Gulf Semiconductor
SR1D GULFSEMI-SR1D Datasheet
187Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?1.0A
logo
EIC discrete Semiconduc...
SR1D EIC-SR1D Datasheet
57Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
SR1D-E GULFSEMI-SR1D-E Datasheet
161Kb / 2P
SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE竊?00V CURRENT竊?1.0A
More results


Similar Description - SR1D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GR3AB GOOD-ARK-GR3AB Datasheet
157Kb / 2P
Fast Recovery Surface Mount Rectifiers
GROAA GOOD-ARK-GROAA Datasheet
147Kb / 2P
Fast Recovery Surface Mount Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
Surface Mount Fast Recovery Rectifiers
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Shanghai Yint Electroni...
RS2AB YINT-RS2AB Datasheet
497Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2ABF YINT-RS2ABF Datasheet
502Kb / 3P
Surface Mount Fast Recovery Rectifiers
RS2AF YINT-RS2AF Datasheet
500Kb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Dongguan Pingjingsemi T...
RS3AF-PJ PJSEMI-RS3AF-PJ Datasheet
757Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS15AFL-PJ PJSEMI-RS15AFL-PJ Datasheet
739Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com