Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN3D Datasheet (PDF) - SynSemi, Inc.

GN3D Datasheet PDF - SynSemi, Inc.
Part # GN3D
Download  GN3D Download
File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION

GN3D Datasheet (PDF)

Go To PDF Page Download Datasheet
GN3D Datasheet PDF - SynSemi, Inc.

Part # GN3D
Download  GN3D Click to download

File Size   40.07 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION

GN3D Datasheet (HTML) - SynSemi, Inc.


GN3D Product details

PRV : 50 - 1000 Volts

Io : 3.0 Amperes



FEATURES :

* Glass passivated chip

* High current capability

* High reliability

* Low reverse current

* Low forward voltage drop



MECHANICAL DATA :

* Case : SMC Molded plastic

* Epoxy : UL94V-O rate flame retardant

* Lead : Lead Formed for Surface Mount

* Polarity : Color band denotes cathode end

* Mounting position : Any

* Weight : 0.21 gram




Similar Part No. - GN3D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GN3D EIC-GN3D Datasheet
39Kb / 2P
GLASS PASSIVATED JUNCTION SILICON SURFACE MOUNT
logo
GOOD-ARK Electronics
GN3D GOOD-ARK-GN3D Datasheet
196Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
EIC discrete Semiconduc...
GN3D EIC-GN3D Datasheet
49Kb / 2P
GLASS PASSIVATED JUNCTION
logo
First Silicon Co., Ltd
GN3D FS-GN3D Datasheet
150Kb / 3P
REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
More results


Similar Description - GN3D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
Glass passivated junction
logo
EIC discrete Semiconduc...
FE3A EIC-FE3A Datasheet
103Kb / 2P
GLASS PASSIVATED JUNCTION
GN2A EIC-GN2A_05 Datasheet
48Kb / 2P
GLASS PASSIVATED JUNCTION
GR3A EIC-GR3A Datasheet
67Kb / 2P
GLASS PASSIVATED JUNCTION
logo
Leshan Radio Company
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
1N4947G LRC-1N4947G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
Glass Passivated Junction
FR104G LRC-FR104G_15 Datasheet
199Kb / 7P
Glass Passivated Junction
FR154G LRC-FR154G_15 Datasheet
206Kb / 7P
Glass Passivated Junction
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com