Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR390T Datasheet (PDF) - Vanlong Technology Co., Ltd.

SR390T Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SR390T
Download  SR390T Download
File Size   87.5 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 390.00 MHz One-Port SAW Resonator

SR390T Datasheet (PDF)

Go To PDF Page Download Datasheet
SR390T Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SR390T
Download  SR390T Click to download

File Size   87.5 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 390.00 MHz One-Port SAW Resonator

SR390T Datasheet (HTML) - Vanlong Technology Co., Ltd.


SR390T Product details

390.00 MHz One-Port SAW Resonator
   
• Ideal for 390.00 MHz Transmitters
• Very Low Insertion Loss
• Quartz Stability
• Rugged, Hermetic, Low Profile TO-39 Package
   




Similar Part No. - SR390T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR390 ETC-SR390 Datasheet
89Kb / 1P
3.0 Amp SCHOTTKY RECTIFIERS
logo
First Components Intern...
SR390 FCI-SR390 Datasheet
91Kb / 1P
3.0 Amp SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR390 LUGUANG-SR390 Datasheet
160Kb / 2P
3.0 AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR390 YFWDIODE-SR390 Datasheet
73Kb / 2P
3.0Amp Schottky Barrier Rectifiers
logo
Microdiode Semiconducto...
SR390 CHENDA-SR390 Datasheet
585Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SR390T

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR224 VANLONG-SR224 Datasheet
98Kb / 2P
224.70 MHz One-Port SAW Resonator
SR318B VANLONG-SR318B Datasheet
89Kb / 2P
318.00 MHz One-Port SAW Resonator
SR360 VANLONG-SR360 Datasheet
88Kb / 2P
360.00 MHz One-Port SAW Resonator
SR390B VANLONG-SR390B Datasheet
87Kb / 2P
390.00 MHz One-Port SAW Resonator
SR395M50 VANLONG-SR395M50 Datasheet
91Kb / 2P
395.50 MHz One-Port SAW Resonator
SR418 VANLONG-SR418 Datasheet
89Kb / 2P
418.00 MHz One-Port SAW Resonator
SR441 VANLONG-SR441 Datasheet
88Kb / 2P
441.20 MHz One-Port SAW Resonator
SR622 VANLONG-SR622 Datasheet
90Kb / 2P
622.08 MHz One-Port SAW Resonator
SR868M35B VANLONG-SR868M35B Datasheet
87Kb / 2P
868.35 MHz One-Port SAW Resonator
SR904 VANLONG-SR904 Datasheet
90Kb / 2P
904.30 MHz One-Port SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com