Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR200 Datasheet (PDF) - SynSemi, Inc.

DR200 Datasheet PDF - SynSemi, Inc.
Part # DR200
Download  DR200 Download
File Size   31.93 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SILICON RECTIFIER DIODES

DR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DR200 Datasheet PDF - SynSemi, Inc.

Part # DR200
Download  DR200 Click to download

File Size   31.93 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SILICON RECTIFIER DIODES

DR200 Datasheet (HTML) - SynSemi, Inc.


DR200 Product details

PRV : 50 - 1000 Volts
Io : 2.0 Amperes

FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Pb / RoHS Free




Similar Part No. - DR200

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
DR200 EIC-DR200 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
DR200 SUNMATE-DR200 Datasheet
302Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
Proto Advantage SMD Ada...
DR200D254 PROTOADVANTAGE-DR200D254 Datasheet
105Kb / 2P
Dual Row 2.00 mm pitch to DIP Adapters
revision 1.1
DR200DR254P04 PROTOADVANTAGE-DR200DR254P04 Datasheet
110Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 4 Pin
revision 1.0
DR200DR254P04 PROTOADVANTAGE-DR200DR254P04 Datasheet
111Kb / 3P
Dual Row 1.00 mm pitch to Dual Row 2.54mm pitch Adapter - 6 Pin
revision 1.0
More results


Similar Description - DR200

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
SILICON RECTIFIER DIODES
10A01 EIC-10A01 Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
SILICON RECTIFIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com