Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK37 Datasheet (PDF) - SynSemi, Inc.

SK37 Datasheet PDF - SynSemi, Inc.
Part # SK37
Download  SK37 Download
File Size   39.62 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK37 Datasheet (PDF)

Go To PDF Page Download Datasheet
SK37 Datasheet PDF - SynSemi, Inc.

Part # SK37
Download  SK37 Click to download

File Size   39.62 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

SK37 Datasheet (HTML) - SynSemi, Inc.


SK37 Product details

PRV : 20 - 100 Volts

IO : 3.0 Amperes



FEATURES :

* High current capability

* High surge current capability

* High reliability

* High efficiency

* Low power loss

* Low forward voltage drop



MECHANICAL DATA :

* Case : SMC Molded plastic

* Epoxy : UL94V-O rate flame retardant

* Lead : Lead Formed for Surface Mount

* Polarity : Color band denotes cathode end

* Mounting position : Any

* Weight : 0.21 gram




Similar Part No. - SK37

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK37 GOOD-ARK-SK37 Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SK37 JINANJINGHENG-SK37 Datasheet
72Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
First Silicon Co., Ltd
SK37 FS-SK37 Datasheet
239Kb / 3P
VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SK37-G SMC-SK37-G Datasheet
239Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
New Jersey Semi-Conduct...
SK3793 NJSEMI-SK3793 Datasheet
75Kb / 1P
Bipolar Transistors
More results


Similar Description - SK37

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com