Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP53T1 Datasheet (PDF) - Motorola, Inc

BCP53T1 Datasheet PDF - Motorola, Inc
Part # BCP53T1
Download  BCP53T1 Download
File Size   99.4 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP53T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCP53T1 Datasheet PDF - Motorola, Inc

Part # BCP53T1
Download  BCP53T1 Click to download

File Size   99.4 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT

BCP53T1 Datasheet (HTML) - Motorola, Inc


BCP53T1 Product details

This PNP Silicon Epitaxial transistor is designed for use in audio amplifier applications. The device is housed in the SOT-223 package which is designed for medium power surface mount applications.

• High Current: 1.5 Amps
• NPN Complement is BCP56
• The SOT-223 Package can be soldered using wave or reflow. The formed leads
   absorb thermal stress during soldering, eliminating the possibility of damage to
   the die
• Available in 12 mm Tape and Reel
   Use BCP53T1 to order the 7 inch/1000 unit reel.
   Use BCP53T3 to order the 13 inch/4000 unit reel.




Similar Part No. - BCP53T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
85Kb / 5P
PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
More results


Similar Description - BCP53T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BCP56T1 MOTOROLA-BCP56T1 Datasheet
200Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP68T1 MOTOROLA-BCP68T1 Datasheet
149Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BCP69T1 MOTOROLA-BCP69T1 Datasheet
71Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
BSP62T1 MOTOROLA-BSP62T1 Datasheet
179Kb / 6P
MEDIUM POWER PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BCP53T1 ONSEMI-BCP53T1 Datasheet
76Kb / 4P
MEDIUM POWER PNP SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
BCP68T1 ONSEMI-BCP68T1 Datasheet
110Kb / 6P
MEDIUM POWER NPN SILICON HIGH CURRENT TRANSISTOR SURFACE MOUNT
1996 REV 1
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_10 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BCP53 ONSEMI-BCP53 Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
logo
Central Semiconductor C...
CZT751 CENTRAL-CZT751_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT PNP SILICON TRANSISTOR
logo
ON Semiconductor
NSL35TT1 ONSEMI-NSL35TT1 Datasheet
208Kb / 7P
High Current Surface Mount PNP Silicon Mount PNP Silicon Transistor
August, 2006 ??Rev. 3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com